Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 34Page - Microchip Technology USB2422 Datasheet HTML 35Page - Microchip Technology USB2422 Datasheet HTML 36Page - Microchip Technology USB2422 Datasheet HTML 37Page - Microchip Technology USB2422 Datasheet HTML 38Page - Microchip Technology USB2422 Datasheet HTML 39Page - Microchip Technology USB2422 Datasheet HTML 40Page - Microchip Technology USB2422 Datasheet HTML 41Page - Microchip Technology USB2422 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
USB2422
DS00001726B-page 38
2013 - 2015 Microchip Technology Inc.
6.0
AC SPECIFICATIONS
6.1
Oscillator/Crystal
Parallel Resonant, Fundamental Mode, 24 MHz
±350 ppm.
Note 6-1
C0 is usually included (subtracted by the crystal manufacturer) in the specification for CL and should
be set to 0 for use in the calculation of the capacitance formulas in Figure 6-2, "Formula to Find the
Value of C1 and C2". However, the PCB itself may present a parasitic capacitance between XTALIN
and XTALOUT. For an accurate calculation of C1 and C2, take the parasitic capacitance between
traces XTALIN and XTALOUT into account.
Note 6-2
Each of these capacitance values is typically approximately 18 pF.
FIGURE 6-1:
TYPICAL CRYSTAL CIRCUIT
TABLE 6-1:
CRYSTAL CIRCUIT LEGEND
Symbol
Description
In Accordance with
C0
Crystal shunt capacitance
Crystal manufacturer’s specification (See Note 6-1)
CL
Crystal load capacitance
CB
Total board or trace capacitance
OEM board design
CS
Stray capacitance
Microchip IC and OEM board design
CXTAL
XTAL pin input capacitance
Microchip IC
C1
Load capacitors installed on OEM
board
Calculated values based on Figure 6-2, "Formula to Find the
Value of C1 and C2" (See Note 6-2)
C2
FIGURE 6-2:
FORMULA TO FIND THE VALUE OF C1 AND C2
C1
C2
CL
Crystal
C0
XTALIN
(CS1 = CB1 + CXTALIN)
XTALOUT
(CS2 = CB2 + CXTALOUT)
C1 = 2 x (CL – C0) – CS1
C2 = 2 x (CL – C0) – CS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com