Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 14Page - Microchip Technology USB2422 Datasheet HTML 15Page - Microchip Technology USB2422 Datasheet HTML 16Page - Microchip Technology USB2422 Datasheet HTML 17Page - Microchip Technology USB2422 Datasheet HTML 18Page - Microchip Technology USB2422 Datasheet HTML 19Page - Microchip Technology USB2422 Datasheet HTML 20Page - Microchip Technology USB2422 Datasheet HTML 21Page - Microchip Technology USB2422 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
USB2422
DS00001726B-page 18
2013 - 2015 Microchip Technology Inc.
4.3
SMBus
The Microchip hub can be configured by an external processor via an SMBus interface (see Table 4-1 for details on
enabling the SMBus interface). The Microchip hub waits indefinitely for the SMBus code load to complete and only
appears as a newly connected device on USB after the code load is complete.
The hub’s SMBus acts as a slave-only SMBus device. The implementation only supports block write (Section 4.3.2.1)
and block read (Section 4.3.2.2) protocols. Reference the System Management Bus Specification [2] for additional infor-
mation.
Refer to Section 4.4, "SMBus Registers," on page 20 for details on all SMBus accessible registers.
4.3.1
SMBUS SLAVE ADDRESS
The 7-bit slave address is 0101100b. The hub will not respond to the general call address of 0000000b.
4.3.2
PROTOCOL IMPLEMENTATION
Typical block write and block read protocols are shown in figures 4-2 and 4-3. Register accesses are performed using
7-bit slave addressing, an 8-bit register address field, and an 8-bit data field. The shading shown in the figures during a
read or write indicates the hub is driving data on the SMBDATA line; otherwise, host data is on the SMBDATA line.
The SMBus slave address assigned to the hub (0101100b) allows it to be identified on the SMBus. The register address
field is the internal address of the register to be accessed. The register data field is the data that the host is attempting
to write to the register or the contents of the register that the host is attempting to read.
4.3.2.1
Block Write/Read
The block write begins with a slave address and a write condition. After the command code, the host issues a byte count
which describes how many more bytes will follow in the message. If a slave had 20 bytes to send, the first byte would
be the number 20 (14h), followed by the 20 bytes of data. The byte count may not be zero. A block write or read allows
a transfer maximum of 32 data bytes.
Note:
Data bytes are transferred MSB first.
Note:
For the following SMBus tables:
FIGURE 4-2:
BLOCK WRITE
Denotes Master-to-Slave
Denotes Slave-to-Master
S
Slave Address
Register Address
Wr
A
171
1
8
A
1
...
1
81
Byte Count = N
A
Data byte 1
A
Data byte 2
A
81
1
1
88
Data byte N
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com