Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 64 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 60Page - STMicroelectronics VD5377 Datasheet HTML 61Page - STMicroelectronics VD5377 Datasheet HTML 62Page - STMicroelectronics VD5377 Datasheet HTML 63Page - STMicroelectronics VD5377 Datasheet HTML 64Page - STMicroelectronics VD5377 Datasheet HTML 65Page - STMicroelectronics VD5377 Datasheet HTML 66Page - STMicroelectronics VD5377 Datasheet HTML 67Page - STMicroelectronics VD5377 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
I2C interface
VD5377
64/88
Doc ID 022952 Rev 2
11
I2C interface
The interface is 400 kHz I2C, with very fast polling rate for high CPI applications (down to
1ms period).
11.1
Protocol
Figure 28. Serial interface data transfer protocol
11.2
Data format
Information is packed in 8-bit packets (bytes) always followed by an acknowledge bit. The
internal data is produced by sampling SDA at a rising edge of SCL. The external data must
be stable during the high period of SCL. The exceptions to this are start (S) or stop (P)
conditions when SDA falls or rises respectively, while SCL is high.
The first byte contains the device address byte which includes the data direction read (R),
~write (W), bit.
Figure 29. VD5377 serial interface address
The byte following the address byte contains the address of the first data byte (also referred
to as the index).
12
7
8
A
Start condition
Stop condition
SDA
SCL
Acknowledge
P
S
3
4
56
Address or data byte
MSB
LSB
1
0
1
0
0
1
1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com