Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 6Page - STMicroelectronics VD5377 Datasheet HTML 7Page - STMicroelectronics VD5377 Datasheet HTML 8Page - STMicroelectronics VD5377 Datasheet HTML 9Page - STMicroelectronics VD5377 Datasheet HTML 10Page - STMicroelectronics VD5377 Datasheet HTML 11Page - STMicroelectronics VD5377 Datasheet HTML 12Page - STMicroelectronics VD5377 Datasheet HTML 13Page - STMicroelectronics VD5377 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
Silicon specification
VD5377
10/88
Doc ID 022952 Rev 2
2
Silicon specification
This chapter contains physical die information.
2.1
Silicon thickness
Standard silicon thickness is 180 µm (see Table 40: Delivery formats on page 86).
2.2
Die size and optical center
All dimensions and all coordinates are referenced to the origin at die center.
2.3
Pad opening sizes
Minimum bond pad pitch: 138 µm.
Table 3. Die size
Conditions
X size (µm)
Y size (µm)
Including seal
1794
1758
Including scribe (step and repeat)
1894
1858
Table 4. Optical center
Parameter
X (µm)
Y (µm)
Die center
0
0
Array center
-83
+447
Table 5. Pad openings
X (µm)
Y (µm)
Size
86.4
86.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com