Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 40 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 36Page - STMicroelectronics VD5377 Datasheet HTML 37Page - STMicroelectronics VD5377 Datasheet HTML 38Page - STMicroelectronics VD5377 Datasheet HTML 39Page - STMicroelectronics VD5377 Datasheet HTML 40Page - STMicroelectronics VD5377 Datasheet HTML 41Page - STMicroelectronics VD5377 Datasheet HTML 42Page - STMicroelectronics VD5377 Datasheet HTML 43Page - STMicroelectronics VD5377 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
Additional features
VD5377
40/88
Doc ID 022952 Rev 2
8e
AUTO_MOVEMENT_
CTRL2
ucAutoMoveFilterL
atency
3:0
RW
01
Latency between frames on which
the auto movement filter is
applied.
0 = 400 us
1 = 1 ms
2 = 1.4 ms
3 = 2 ms
4 = 4 ms
5 = 10 ms
6 = 20 ms
7 = 50 ms
8 = 100 ms
9 = 150 ms
10 = 200 ms
11 = 500 ms
12 = 1 s
13 = 1.5 s
14 = 2 s
15 = 2.6 s
ucAutoMoveFilterL
oop
7:4
RW
03
Set the number of sequences to
detect motion to grant motion in
sleep mode.
Table 24. Auto-movement filter (continued)
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com