Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 45 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 41Page - STMicroelectronics VD5377 Datasheet HTML 42Page - STMicroelectronics VD5377 Datasheet HTML 43Page - STMicroelectronics VD5377 Datasheet HTML 44Page - STMicroelectronics VD5377 Datasheet HTML 45Page - STMicroelectronics VD5377 Datasheet HTML 46Page - STMicroelectronics VD5377 Datasheet HTML 47Page - STMicroelectronics VD5377 Datasheet HTML 48Page - STMicroelectronics VD5377 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
Doc ID 022952 Rev 2
45/88
VD5377
Additional features
83
BACKLIGHT_
CONTROL
bBackLightEnable
0
RW
00
BACKLED PWM enable
0 = Disable
1 = Enable
bSingleBackled
1
RW
00
Single BACKLED scheme control
par PWM0 only
0 = 3 independent BackLEDs
1 = BackLED controlled by PWM
0
bPwmPolarity
2
RW
00
BACKLED PWM signal polarity
0 = High when LED must be ON
(=pwm0)
1 = Low when LED must be ON
(=!pwm0)
bBackledGaterEna
ble
3RW
00
Enable the gating of BACKLED
PWM signal with DMIB gater
signal
0 = Disable
1 = Enable
bPwmHoldEnable
4
RW
00
Enable the hold mechanism when
DMIB gater signal is ON
0 = Disable
1 = Enable
bBackLightReset
7
RWC
00
In SW STBY, reset the control of
backlight control (self cleared)
0 = Disable
1 = Enable
Table 26. BACKLED control registers (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com