Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 67 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 63Page - STMicroelectronics VD5377 Datasheet HTML 64Page - STMicroelectronics VD5377 Datasheet HTML 65Page - STMicroelectronics VD5377 Datasheet HTML 66Page - STMicroelectronics VD5377 Datasheet HTML 67Page - STMicroelectronics VD5377 Datasheet HTML 68Page - STMicroelectronics VD5377 Datasheet HTML 69Page - STMicroelectronics VD5377 Datasheet HTML 70Page - STMicroelectronics VD5377 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
Doc ID 022952 Rev 2
67/88
VD5377
I2C register map
12
I2C register map
Table 38 contains a subset of device registers which may be required by the end user.
Note:
Register addresses and default values are in hexadecimal.
The “default” column refers to the power-on register values in software standby before user
initialization. The register type definitions are summarized in Table 37.
Table 37. Register types
Type
Description
PR
Hardware Read only register
PRW
Hardware Read/Write register
PRWC
Hardware Read/Write register with auto set/clear
R
Firmware Read register
RW
Firmware Read/Write register
Table 38. I2C register map
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment
0
MAJOR_REVISION
major_revision
7:0
PR
01
Major hardware revision
number. Updated in case of full
mask regeneration.
0 = rev 1.x
1 = rev 2.x
2 = rev 3.x
x = minor revision
1
MINOR_REVISION
minor_revision
7:0
RW
00
Minor hardware revision
number. Updated in case of
metal fix and or ROM changes.
0 = rev 0
1 = rev 1
2 = rev 2
2
ANALOG_CTRL1
Reserved
0
PRW
01
Reserved
osc_48MHz_sel
2:1
PRW
02
Oscillator 48 MHz center
frequency select.
0 = Center freq = 34 MHz
1 = Center freq = 39 MHz
2 = Center freq = 44 MHz
3 = Center freq = 48 MHz
Reserved
3
PRW
00
Reserved
Reserved
4
PRW
01
Reserved
Reserved
7:5
PRW
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com