Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 31 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 27Page - STMicroelectronics VD5377 Datasheet HTML 28Page - STMicroelectronics VD5377 Datasheet HTML 29Page - STMicroelectronics VD5377 Datasheet HTML 30Page - STMicroelectronics VD5377 Datasheet HTML 31Page - STMicroelectronics VD5377 Datasheet HTML 32Page - STMicroelectronics VD5377 Datasheet HTML 33Page - STMicroelectronics VD5377 Datasheet HTML 34Page - STMicroelectronics VD5377 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
Doc ID 022952 Rev 2
31/88
VD5377
Key features
6
Key features
This chapter gives an overview of some of the most important registers and functions.
6.1
Feature count
Feature count is a measure of the useful detail in an image which is used to match
successive frames. Generally, the higher the feature count the better the tracking. The
FEATURES register (0x31) in Figure 17 is an 8-bit value representing the 8 MSBs of a 12-bit
internal register. A maximum value of 255 represents a feature count of 16 x 255 = 4080. A
reasonable average target feature count is around 2000. Feature counts averaging less
than 1000 are likely to result in missing counts and sluggish navigation. This is usually as a
result of low contrast in the image or significant vignetting due to the lens.
Note:
On some textured surfaces the feature count may exceed 4080. When this occurs the
FEATURES register clips at 255. This is normal and does not affect tracking.
6.2
Minimum features threshold
Without any object on the sensor the feature count will be non-zero, typically around 200.
This residual value is usually due to the characteristics of the lens and/or pixel noise but
may also be caused by internal or external light reflection which can sometimes result in
unintentional cursor movement (or jitter). To prevent this unwanted movement, the motion
engine is inhibited until the feature count register exceeds the value in the MIN_FEATURES
register (0x29). Multiply the register value by 16 to get the actual feature count threshold.
Default value is 16d x 16 = 256.
6.3
X/Y scaling
The VD5377 outputs a single count for each one pixel displacement of the object. The
physical dimension of one pixel is 30 µm. The actual displacement depends on the
magnification of the lens used. For a lens of magnification M = 0.5 one pixel displacement
equates to 60 µm physical displacement of the object.
Cursor movement is typically expressed in Counts or Dots per Inch (CPI or DPI). In this
case (M = 0.5):
Counts per Inch = 25.4mm/60µm = 423 CPI
The X/Y scaling registers (Table 17: Features and scaling on page 32) can be used to
increase or decrease the native CPI according to the following equation:
Counts per Inch = register_value x M x 100
Scale factors can be applied to X and Y independently to compensate for any lens
distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com