Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 4Page - STMicroelectronics VD5377 Datasheet HTML 5Page - STMicroelectronics VD5377 Datasheet HTML 6Page - STMicroelectronics VD5377 Datasheet HTML 7Page - STMicroelectronics VD5377 Datasheet HTML 8Page - STMicroelectronics VD5377 Datasheet HTML 9Page - STMicroelectronics VD5377 Datasheet HTML 10Page - STMicroelectronics VD5377 Datasheet HTML 11Page - STMicroelectronics VD5377 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
Overview
VD5377
8/88
Doc ID 022952 Rev 2
1.1
Technical specification
1.2
VD5377 enhancements
The VD5377 has been optimized for optical finger navigation (OFN) applications. For
applications migrating from the previous VD5376 device, the following list highlights the key
differences:
optimized floor plan for improved module design
enhanced automatic power management mode: fully programmable sleep and wake-
up intervals
ultra-low powerdown mode (<1 µA)
user-selectable I2C addresses with the option to create custom start-up configurations
programmable polarity on external MOTION signal
power-on reset (POR) function gated on MOTION signal
unique Backlight controller: three PWM controlled LED drive outputs (10 mA)
enhanced performance in high ambient light conditions
new filter added to aid navigation in low contrast images
increased LED on-time for greater dynamic range
simplified support circuit: Rbin and Cosc components now integrated
smaller external capacitor on VREG (220 nF)
improved I2C frame capture
Table 1. Technical specification
Feature
Detail
Resolution
Programmable up to 3200 cpi
Pixel size
30.4 µm
Array size
20 x 20 pixels
Frame rate
Up to 4 kf/s (auto or manual)
Tracking performance
Up to 720 mm/s (28 in/s)
low drift, high accuracy
Supply voltage
2.2 V to 3.0 V using internal regulator or 1.8 V direct drive
Operating temperature
-20°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com