Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 18Page - STMicroelectronics VD5377 Datasheet HTML 19Page - STMicroelectronics VD5377 Datasheet HTML 20Page - STMicroelectronics VD5377 Datasheet HTML 21Page - STMicroelectronics VD5377 Datasheet HTML 22Page - STMicroelectronics VD5377 Datasheet HTML 23Page - STMicroelectronics VD5377 Datasheet HTML 24Page - STMicroelectronics VD5377 Datasheet HTML 25Page - STMicroelectronics VD5377 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
System overview
VD5377
22/88
Doc ID 022952 Rev 2
In AUTOMATIC power mode, if the use_standby_pin register is set, the STANDBY pin is
configured as a chip select (active low) to perform I2C communications. This allows the host
to perform I2C communications to the VD5377 at anytime even during SLEEP modes. If the
use_standby_pin register is not set, the host can only perform I2C communications when
motion data is pending.
Low power states:
•
SLEEP states: Typical power consumption in the various sleep states is shown in
Table 10.
•
POWERDOWN pin: if set, this signal immediately disables the internal 1.8 V core
regulator. After power down, the system needs to be re-initialized. Power consumption
is typically <1 µA in this state.
Figure 10 describes the power-up sequence of the VD5377 in AUTOMATIC power
management mode. After the MCU boot sequence is completed, the system enters SW
STDBY state and the MOTION pin is set to 1 indicating that the device is ready to receive
commands from the host. After initialization by the host over I2C, the device enters the
AUTO RUN state and the MOTION pin will go low.
Note:
The MOTION pin polarity is programmable. If active low polarity is selected during
initialization, the MOTION pin will remain high.
After a time, motion is detected and the MOTION PIN goes high. Once motion is detected
the device can no longer enter SLEEP until all pending motion data has been read. The host
deasserts the STANDBY pin to enable I2C comms (if use_standby_pin register was set in
initialization routine); motion data is read and the STANDBY pin is re-asserted. After the
RunningTimeout period, if no further motion is detected, the device enters the SLEEP1
state. After the Sleep1Latency period, the device wakes up for 1 frame to detect any
movement. No motion is detected so the device remains in the SLEEP1 state.
If the POWERDOWN pin is asserted, the internal 1.8 V regulator is disabled and the 1.8 V
core supply is switched off. When the POWERDOWN pin is deasserted, the internal 1.8 V
regulator is re-enabled and the MCU re-initializes as at power-up before entering the SW
STBY state. The device must be re-configured after POWERDOWN.
Table 10. Typical power consumption(1) - automatic mode
1. Includes LED (maximum exposure)
Run(2)
2. Internal clock = 44 MHz; led_dac 14 mA; Maximum exposure
Sleep1
Sleep2
Sleep3
Power down
3.3 kf/s
2 kf/s
1 kf/s
10.2 mA
6.9 mA
4.5 mA
350 µA
60 µA
20 µA
<1 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com