Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 79 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 75Page - STMicroelectronics VD5377 Datasheet HTML 76Page - STMicroelectronics VD5377 Datasheet HTML 77Page - STMicroelectronics VD5377 Datasheet HTML 78Page - STMicroelectronics VD5377 Datasheet HTML 79Page - STMicroelectronics VD5377 Datasheet HTML 80Page - STMicroelectronics VD5377 Datasheet HTML 81Page - STMicroelectronics VD5377 Datasheet HTML 82Page - STMicroelectronics VD5377 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
Doc ID 022952 Rev 2
79/88
VD5377
I2C register map
51
CONTROL
dmib_ctrl_mode
0
RW
00
DMIB controller timing switch
mode
0 = Manual (chosen by
dmib_timing reg)
1 = Automatic (system auto sets
the dmib_timing mode, status
reported in dmib_timing reg)
dmib_timing
1
PRW
00
DMIB controller timing mode
0 = Normal DMIB timing (same
as 376 with double expo time
possible)
1 = Sunlight DMIB timing
Reserved
7
PRW
00
Reserved
56
CDSOUT_SEL
cds_out_sel
1:0
PRW
00
Selects what is output from the
DMIB controller (going to
motion engine and or video
output data).
0 = CDS frame
2 = exposed frame
3 = black frame
Reserved
4
PRW
00
Reserved
58
FRAMEDUMP_
PIXDATA
framedump_pixdata
7:0
PR
00
Pixel data in frame dump mode,
automatically incremented to
next pixel after a read of this
register.
59
FRAMEDUMP_CTRL
framedump_en
0
PRW
00
Frame dump mode enable
0 = Disable
1 = Enable
framedump_start
1
PR
00
Frame dump started
framedump_ready
2
PR
00
Flag set when a frame is ready
to be read by host, Pixel[0] is
ready in register
FRAMEDUMP_PIXDATA.
framedump_done
3
PR
00
Flag set when a complete frame
(400 pixels) has been read.
pci_test_enable
4
PRW
00
Muxed PCI data onto pads (2
bits nibble + FST + Qclk)
0 = Disable
1 = Enable
framedump_mire
7
PRW
00
In frame dump mode outputs a
grey scale image
(pixel_counter).
Table 38. I2C register map (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com