Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 9Page - STMicroelectronics VD5377 Datasheet HTML 10Page - STMicroelectronics VD5377 Datasheet HTML 11Page - STMicroelectronics VD5377 Datasheet HTML 12Page - STMicroelectronics VD5377 Datasheet HTML 13Page - STMicroelectronics VD5377 Datasheet HTML 14Page - STMicroelectronics VD5377 Datasheet HTML 15Page - STMicroelectronics VD5377 Datasheet HTML 16Page - STMicroelectronics VD5377 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
Doc ID 022952 Rev 2
13/88
VD5377
Application schematics
3
Application schematics
There are two power configurations for the VD5377: a 2.2 V to 3.0 V external supply utilizing
the device’s internal 1.8 V regulator or direct drive using an externally regulated 1.8 V
supply. Typical application schematics are shown for both configurations in Figure 3 and
Figure 4.
The internal 1.8 V core regulator requires a minimum 220 nF decoupling capacitor. Larger
values may increase the minimum power down time which is required to guarantee a proper
reset of the device.
Figure 3. VTOP supply (using internal regulator)
STANDBY
POWERDOWN
VTOP
SCL
SDA
MOTION
GND
Optional I2C
Address
Navigation
LED
NC
220 nF
NC
1.8V
1.8V
I2C_SEL0
I2C_SEL1
I2C_SEL2
LED_OUT
DVSS
BACKLED0
BACKLED1
BACKLED2
DVDD
GPIO0
MOTION
TEST_CLK
SDA
2
1
3
4
5
6
7
8
9
19
20
22
23
24
SCL
10
DVSS
11
18
17
16
14
13
AVSS 25
26
AVDD
DVSS 21
12
15
VD5377



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com