Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 37 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 33Page - STMicroelectronics VD5377 Datasheet HTML 34Page - STMicroelectronics VD5377 Datasheet HTML 35Page - STMicroelectronics VD5377 Datasheet HTML 36Page - STMicroelectronics VD5377 Datasheet HTML 37Page - STMicroelectronics VD5377 Datasheet HTML 38Page - STMicroelectronics VD5377 Datasheet HTML 39Page - STMicroelectronics VD5377 Datasheet HTML 40Page - STMicroelectronics VD5377 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
Doc ID 022952 Rev 2
37/88
VD5377
Key features
6.7
Automatic/manual frame rate
The VD5377 can operate in either automatic or manual frame rate control mode. The default
frame rate control mode is automatic (see Table 21, register 0x1c bit 4). This means that the
device adjusts frame rate automatically depending on the tracking velocity. By default, frame
rate is adjusted in the range 1 k to 2 k to Max. Because power consumption increases as
frame rate increases, automatic frame rate control is the most efficient in terms of power
consumption and requires no additional overhead from the host CPU. The maximum frame
rate to be applied in auto frame rate mode is set with register 0x1c bits 7:5. The default
maximum frame rate is 3.3 kf/s. Manual frame rate is selected with register 0x1c bits [2:0].
Due to CPU bandwidth limitations of the on-board MCU, maximum frame rate is limited to
3.3 kf/s in sunlight timing mode. In Normal DMIB timing mode only (default mode - register
0x51 = 0), the maximum frame rate may be increased up to 4 kf/s but in order to meet
internal timing constraints, the maximum exposure time (EXPOTIME_MAX 0x49) needs to
be reduced according to Table 22. The motion_threshold_low_comp (SPARE 0x32) should
also be updated.
Table 21. Adaptive frame rate control
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment
1c
FRAME_RATE_CONT
ROL
frame_rate_sel
2:0
PRW
02
Frame rate selection (value for
internal osc running @48 MHz)
0 = 0.5kf/s (2 ms period)
1 = 1 kf/s (1 ms period)
2 = 2 kf/s (500 us period)
3 = 2.5kf/s (400 us period)
4 = 2.9kf/s (350 us period)
5 = 3.3kf/s (300 us period)
6 = 3.6kf/s (275 us period)
7 = 4 kf/s (250 us period)
frame_rate_ctrl
4
RW
00
Frame rate management control
0 = Automatic (1 k / 2 k / Max f/s
auto frame rate)
1 = Manual (set with
frame_rate_sel reg)
max_auto_frame_r
ate
7:5
RW
05
Maximum frame rate to be applied
in auto frame rate mode.
0 = not allowed
1 = not allowed
2 = 2 kf/s (500 us period)
3 = 2.5 kf/s (400 us period)
4 = 2.9 kf/s (350 us period)
5 = 3.3 kf/s (300 us period)
6 = 3.6 kf/s (275 us period)
7 = 4 kf/s (250 us period)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com