Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 24 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 20Page - STMicroelectronics VD5377 Datasheet HTML 21Page - STMicroelectronics VD5377 Datasheet HTML 22Page - STMicroelectronics VD5377 Datasheet HTML 23Page - STMicroelectronics VD5377 Datasheet HTML 24Page - STMicroelectronics VD5377 Datasheet HTML 25Page - STMicroelectronics VD5377 Datasheet HTML 26Page - STMicroelectronics VD5377 Datasheet HTML 27Page - STMicroelectronics VD5377 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
I/O description
VD5377
24/88
Doc ID 022952 Rev 2
5
I/O description
5.1
I2C_SEL[2:0]
The default I2C address is 0xA6. However, in some applications the default address may
conflict with other I2C devices sharing the bus or it may be necessary to chain multiple OFN
devices on the same bus. For that reason, the user can select from one of seven I2C
addresses as shown in Table 12.
The I2C_SEL pads have internal pull-down resistors and can be left unconnected for the
default address. For any other address, connect pads that require a logic “1” to DVDD (the
internal pull-down resistor is automatically disconnected after the internal microcontroller
boot sequence is completed to conserve power).
If required, custom configurations can be stored in ROM on the device corresponding to a
particular I2C address to reduce the number of required register writes by the host. If
interested in this feature, please contact STMicroelectronics.
The device I2C address can also be configured dynamically by writing to register DEVADDR
(0x7c) bits [7:1] (see Table 13). This sets the 7-bit base I2C address of the device and
allows multiple devices with the same default address to be re-mapped dynamically. This
operation must be done in 2 steps:
program register 0x7c using the current device address to program the new one
access registers with the new device address
Each device must be powered in turn to reconfigure its address and this operation must be
repeated each time the system is initialized.
Table 12. User-selectable I2C addresses
I2CSEL[2:0]
8-bit I2C address
000
0xA6
001
Reserved
010
0xC6
011
0xD6
100
0xE6
101
0x36
110
0x46
111
0x20
Table 13. Control register to dynamically configure device I2C address
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment
7c
DEVADDR
i2cs_index_auto_inc_en
0
PRW
01
Auto increment function
i2cs_dev_addr
7:1 PRW
53
I2C device address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com