Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 14Page - STMicroelectronics VD5377 Datasheet HTML 15Page - STMicroelectronics VD5377 Datasheet HTML 16Page - STMicroelectronics VD5377 Datasheet HTML 17Page - STMicroelectronics VD5377 Datasheet HTML 18Page - STMicroelectronics VD5377 Datasheet HTML 19Page - STMicroelectronics VD5377 Datasheet HTML 20Page - STMicroelectronics VD5377 Datasheet HTML 21Page - STMicroelectronics VD5377 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
System overview
VD5377
18/88
Doc ID 022952 Rev 2
4.1
MANUAL power management
Manual power mode is the basic mode of the VD5377. After initialization, the sensor
remains in MANUAL RUN mode even when no motion activity is detected. The host can use
the external POWERDOWN or STANDBY signals to achieve lower current consumption.
STANDBY pin(a) (active high): if set, the system goes into low power STANDBY mode
at the end of the current frame. Typical power consumption in STANDBY mode is
shown in Table 8 on page 19. The internal clock and motion engine are switched off
and so the VD5377 does not respond to any I2C communication and no motion activity
is detected. All register settings are maintained in this state, so when STANDBY is de-
asserted the system immediately resumes in RUN mode.
POWERDOWN pin: if set, this signal immediately disables the internal 1.8 V core
regulator. After power down, the system needs to be re-initialized. Power consumption
is typically <1 µA in this state.
Figure 7. Manual power mode flow diagram
a. During initialization, the user must set the use_standby_pin register bit (system_config 0x05 bit 4) to 1 to
enable the STANDBY pin function otherwise it is ignored.
MCU BOOT
SW STBY
MANUAL
RUN
MODE
AUTOMATIC
host_config_done = 1
automatic = 0
host_config_done = 1
automatic = 1
POWERDOWN
STANDBY
MANUAL POWER MODE
STANDBY=1
STANDBY=0
POWERDOWN=1
POWERDOWN=0
POWERDOWN=1
POWER UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com