Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 77 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 73Page - STMicroelectronics VD5377 Datasheet HTML 74Page - STMicroelectronics VD5377 Datasheet HTML 75Page - STMicroelectronics VD5377 Datasheet HTML 76Page - STMicroelectronics VD5377 Datasheet HTML 77Page - STMicroelectronics VD5377 Datasheet HTML 78Page - STMicroelectronics VD5377 Datasheet HTML 79Page - STMicroelectronics VD5377 Datasheet HTML 80Page - STMicroelectronics VD5377 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
Doc ID 022952 Rev 2
77/88
VD5377
I2C register map
35
ADAPTCPI_MIN_
MOTION
adaptcpi_min_motion
7:0
PRW
10
Minimum value of max(|X frame
motion|, |Y frame motion|) from
which the CPI is adaptive (if
feature enabled).
36
ADAPTCPI_MIN_
SCALING
adaptcpi_min_scaling
7:0
PRW
08
Minimum motion scaling value
when adaptive CPI feature is
enabled.
37
ADAPTCPI_RANGE
S
adaptcpi_log_
motion_range
2:0
PRW
05
Log value of motion range from
which the CPI is adaptive (that
is max motion = min +
2^adaptcpi_log_motion_range).
0 = motion range = 1
1 = motion range = 2
2 = motion range = 4
3 = motion range = 8
4 = motion range = 16
5 = motion range = 32
6 = motion range = 64
7 = motion range = 128
adaptcpi_log_
scaling_range
6:4
PRW
04
Log value of motion scaling
range from which the CPI is
adaptive (that is max scaling =
min +
2^adaptcpi_log_scaling_range).
0 = scaling range = 1
1 = scaling range = 2
2 = scaling range = 4
3 = scaling range = 8
4 = scaling range = 16
5 = scaling range = 32
6 = scaling range = 64
7 = scaling range = 128
Reserved
7
PR
01
Reserved
Table 38. I2C register map (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com