Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 74 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 70Page - STMicroelectronics VD5377 Datasheet HTML 71Page - STMicroelectronics VD5377 Datasheet HTML 72Page - STMicroelectronics VD5377 Datasheet HTML 73Page - STMicroelectronics VD5377 Datasheet HTML 74Page - STMicroelectronics VD5377 Datasheet HTML 75Page - STMicroelectronics VD5377 Datasheet HTML 76Page - STMicroelectronics VD5377 Datasheet HTML 77Page - STMicroelectronics VD5377 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
I2C register map
VD5377
74/88
Doc ID 022952 Rev 2
1c
FRAME_RATE_
CONTROL
frame_rate_sel
2:0
PRW
02
Frame rate selection (value for
internal osc running @48MHz)
0 = 0.5 kf/s (2 ms period)
1 = 1 kf/s (1 ms period)
2 = 2 kf/s (500 us period)
3 = 2.5 kf/s (400 us period)
4 = 2.9 kf/s (350 us period)
5 = 3.3 kf/s (300 us period)
6 = 3.6 kf/s (275 us period)
7 = 4 kf/s (250 us period)
frame_rate_ctrl
4
RW
00
Frame rate management control
0 = Automatic (1k/2 k/Max f/s
auto frame rate)
1 = Manual (set with
frame_rate_sel reg)
max_auto_frame_
rate
7:5
RW
05
Maximum frame rate to be
applied in auto frame rate mode
0 = not allowed
1 = not allowed
2 = 2 kf/s (500 us period)
3 = 2.5 kf/s (400 us period)
4 = 2.9 kf/s (350 us period)
5 = 3.3 kf/s (300 us period)
6 = 3.6 kf/s (275 us period)
7 = 4 kf/s (250 us period)
21
X_MOTION
x_motion
7:0
PR
00
X motion data since last polling
was done. Note that the internal
accumulator is reduced from
this value every time it is read.
22
Y_MOTION
y_motion
7:0
PR
00
Y motion data since last polling
was done. Note that the internal
accumulator is reduced from
this value every time it is read.
Table 38. I2C register map (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com