Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 17Page - STMicroelectronics VD5377 Datasheet HTML 18Page - STMicroelectronics VD5377 Datasheet HTML 19Page - STMicroelectronics VD5377 Datasheet HTML 20Page - STMicroelectronics VD5377 Datasheet HTML 21Page - STMicroelectronics VD5377 Datasheet HTML 22Page - STMicroelectronics VD5377 Datasheet HTML 23Page - STMicroelectronics VD5377 Datasheet HTML 24Page - STMicroelectronics VD5377 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Doc ID 022952 Rev 2
21/88
VD5377
System overview
4.2
AUTOMATIC power management
AUTOMATIC power mode is the advanced power saving mode of the VD5377. When this
mode is activated, the sensor automatically enters low power modes (called SLEEP states)
after a given time if the sensor does not detect any motion.
Figure 9. Automatic power mode flow diagram
A SLEEP state is a low power state where the internal system clock is disabled, the analog
block is powered down and only the internal 50 kHz oscillator is running to wake the sensor
up periodically. Each time the sensor wakes up, a single frame is captured and the motion
versus previous frame is estimated. If motion is detected the system resumes in RUN mode;
otherwise if no motion is detected the sensor goes back to SLEEP. Up to three SLEEP
states (default) can be selected. The sleep time-out and wake-up latency periods are
programmable.
BOOT
SW STBY
MANUAL
RUN
MODE
AUTOMATIC
host_config_done = 1
automatic = 0
host_config_done = 1
automatic = 1
POWERDOWN
AUTOMATIC POWER MODE
SLEEP 1
SLEEP 2
SLEEP 3
POWERDOWN=0
POWERDOWN=1
POWERDOWN=1
50 ms
8 secs
10mins
10 ms
100 ms
500 ms
Default sleep time-outs and
wakeup latencies are shown.
These parameters are
POWER UP
programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com