Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 25Page - STMicroelectronics VD5377 Datasheet HTML 26Page - STMicroelectronics VD5377 Datasheet HTML 27Page - STMicroelectronics VD5377 Datasheet HTML 28Page - STMicroelectronics VD5377 Datasheet HTML 29Page - STMicroelectronics VD5377 Datasheet HTML 30Page - STMicroelectronics VD5377 Datasheet HTML 31Page - STMicroelectronics VD5377 Datasheet HTML 32Page - STMicroelectronics VD5377 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
Doc ID 022952 Rev 2
29/88
VD5377
I/O description
5.4
STANDBY
The STANDBY pad is a 1.8 V digital input (active high/ 5 V tolerant). In MANUAL RUN
mode, if STANDBY is asserted the device enters a low power STANDBY state at the end of
the current frame (see Figure 7: Manual power mode flow diagram on page 18). When
STANDBY is de-asserted the device resumes in RUN mode without requiring re-
initialization.
In AUTOMATIC RUN mode, the STANDBY pin acts as a I2C enable (see Figure 15). When
STANDBY = 0, I2C is enabled and the VD5377 will respond to I2C communication from the
host in either RUN or any of the SLEEP states. When STANDBY = 1 the VD5377 consumes
less power but will not respond to I2C communication. In order to use the STANDBY pin in
AUTOMATIC mode the use_standby_pin (register 0x5 SYSTEM_CONFIG bit 4 in Table 17:
Features and scaling on page 32) must be set during system initialization. If this function is
not required, the use_standby_pin register should be set to 0 and the STANDBY pad should
be connected to either VDD or VSS.
Note:
If use_standby_pin = 1, the STANDBY pin must be set to 0 before each I2C transaction even
if motion data is pending.
c
GPIO_MOTION
gpio_motion_en
0
PRW
00
MOTION output enable (active
low)
0 = PAD configured as
OUTPUT
1 = PAD configured as INPUT
gpio_motion_a
1
PRW
01
MOTION data output
(when _en = 0)
gpio_motion_zi
2
PR
01
MOTION IO value
gpio_motion_pd
3
PRW
01
MOTION pull-down control
(internal 35 kOhms pull-down
resistor) - active LOW
0 = IO is pulled down
1 = IO not pulled down
gpio_motion_a_ctrl
4
PRW
00
MOTION data output origin
0 = Output value from HW
register
1 = Output value from motion
detect IP
Reserved
6:5 PRW
02
Reserved
gpio_motion_opendrain
7
PRW
00
MOTION pad open drain control
0 = MOTION pad normal config
1 = MOTION pad in open drain
(A = EN)
Table 16. Control register for motion pin polarity (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com