Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377 Datasheet(PDF) 66 Page - STMicroelectronics

Part # VD5377
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button VD5377 Datasheet HTML 62Page - STMicroelectronics VD5377 Datasheet HTML 63Page - STMicroelectronics VD5377 Datasheet HTML 64Page - STMicroelectronics VD5377 Datasheet HTML 65Page - STMicroelectronics VD5377 Datasheet HTML 66Page - STMicroelectronics VD5377 Datasheet HTML 67Page - STMicroelectronics VD5377 Datasheet HTML 68Page - STMicroelectronics VD5377 Datasheet HTML 69Page - STMicroelectronics VD5377 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
I2C interface
VD5377
66/88
Doc ID 022952 Rev 2
Figure 31. Single read
As mentioned in the previous example, the read message is terminated with a negative
acknowledge (A) from the master.
11.4.3
Multiple location write
It is possible to write data bytes to consecutive adjacent internal registers without having to
send explicit indexes prior to sending each data byte.
Note:
An auto-increment write is assumed if no stop condition occurs.
Figure 32. Multiple location write
11.4.4
Multiple location read
Multiple locations can be read within a single read message. An auto-increment write is
assumed.
Note:
Registers are read until the master NAcks the data.
Figure 33. Multiple location read: reading motion
Note:
When reading X/Y motion data a multiple read must be performed.
S
A
Sr
A
A
A6h
2Ah
A7h
16
No data write
Read data
from the master
NAck
P
A
Master
Slave
SA
11
A
AA
A6h
07h
C1
Incremental write
P
data written
@ index = 08
data written
@ index = 07
Master
Slave
Incremental read
SA
A
A6h
21h
Sr
X motion
Y motion
No data write
AA
P
A
A7h
Master
Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com