Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 230 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 230 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 226Page - National Semiconductor (TI) PC87413 Datasheet HTML 227Page - National Semiconductor (TI) PC87413 Datasheet HTML 228Page - National Semiconductor (TI) PC87413 Datasheet HTML 229Page - National Semiconductor (TI) PC87413 Datasheet HTML 230Page - National Semiconductor (TI) PC87413 Datasheet HTML 231Page - National Semiconductor (TI) PC87413 Datasheet HTML 232Page - National Semiconductor (TI) PC87413 Datasheet HTML 233Page - National Semiconductor (TI) PC87413 Datasheet HTML 234Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 257 page
background image
10.0 Legacy Functional Blocks (Continued)
www.national.com
230
Revision1.2
10.4.2
KBC Register Map
All registers are VDD powered.
10.4.3
KBC Bitmap Summary
Offset
Mnemonic
Register Name
Type
00h
DBBOUT Read KBC Data
R
DBBIN
Write KBC Data
W
04h
STATUS Read Status
R
DBBIN
Write KBC Command
W
Register
Bits
Offset Mnemonic
76543210
00h
DBBOUT
KBC Data Bits (For Read cycles)
DBBIN
KBC Data Bits (For Write cycles)
04h
STATUS
General-Purpose Flags
F1
F0
IBF
OBF
DBBIN
KBC Command Bits (For Write cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com