Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 231 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 231 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 227Page - National Semiconductor (TI) PC87413 Datasheet HTML 228Page - National Semiconductor (TI) PC87413 Datasheet HTML 229Page - National Semiconductor (TI) PC87413 Datasheet HTML 230Page - National Semiconductor (TI) PC87413 Datasheet HTML 231Page - National Semiconductor (TI) PC87413 Datasheet HTML 232Page - National Semiconductor (TI) PC87413 Datasheet HTML 233Page - National Semiconductor (TI) PC87413 Datasheet HTML 234Page - National Semiconductor (TI) PC87413 Datasheet HTML 235Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 257 page
background image
Revision 1.2
231
www.national.com
11.0 Device Characteristics
11.1 GENERAL DC ELECTRICAL CHARACTERISTICS
11.1.1
Recommended Operating Conditions
11.1.2
Absolute Maximum Ratings
Absolute maximum ratings are values beyond which damage to the device may occur. Unless otherwise specified, all volt-
ages are relative to ground.
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VSB
Standby Voltage
3.0
3.3
3.6
V
VBAT
Battery Backup Supply Voltage
2.4
3.0
3.6
V
TA
Operating Temperature
0
+70
°C
Symbol
Parameter
Conditions
Min
Max
Unit
VSUP
Supply Voltage1
1. VSUP is VDD, VSB or VBAT.
−0.5
+6.5
V
VI
Input Voltage
All other pins
−0.5
5.5
V
LCLK, LAD3-0, LFRAME, LRESET,
SERIRQ, CLKRUN, 32KX1_32KCLKIN
−0.5
VDD + 0.5
V
VO
Output Voltage
All other pins
−0.5
5.5
V
LAD3-0, LDRQ, SERIRQ, CLKRUN,
32KX2
−0.5
VDD + 0.5
V
TSTG
Storage Temperature
−65
+165
°C
PD
Power Dissipation
1W
TL
Lead Temperature Soldering (10 s)
+260
°C
ESD Tolerance
C
ZAP
= 100 pF
R
ZAP
= 1.5 K
Ω2
2. Value based on test complying with RAI-5-048-RA human body model ESD testing.
2000
V
MCRS
Battery Maximum Safe Reverse
Current
VSB = 3.63V
RUL
3=0.8K
Ω
3. Minimum value of internal protection resistor (see Figure 45 on page 147).
4.53
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com