Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 104Page - National Semiconductor (TI) PC87413 Datasheet HTML 105Page - National Semiconductor (TI) PC87413 Datasheet HTML 106Page - National Semiconductor (TI) PC87413 Datasheet HTML 107Page - National Semiconductor (TI) PC87413 Datasheet HTML 108Page - National Semiconductor (TI) PC87413 Datasheet HTML 109Page - National Semiconductor (TI) PC87413 Datasheet HTML 110Page - National Semiconductor (TI) PC87413 Datasheet HTML 111Page - National Semiconductor (TI) PC87413 Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 257 page
background image
5.0 X-Bus Extension (Continued)
www.national.com
108
Revision1.2
5.4.2
X-Bus Configuration Register (XBCNF)
This register affects the functionality mode of the X-Bus.
Power Well:VSB
Location:Offset 00h
Type:
R/W or RO
5.4.3
X-Bus Select Configuration Registers (XZCNF0 to XZCNF3)
These registers control the mapping of I/O and Memory Zones to XCSn, where n is from 0 to 3.
Power Well:VSB
Location:Offset 01h (XZCNF0)
Location:Offset 02h (XZCNF1)
Location:Offset 0Dh (XZCNF2)
Location:Offset 0Eh (XZCNF3)
Type:
R/W or RO
Bit
76543210
Name
TBXCS3
TBXCS2
TBXCS1
TBXCS0
Reserved
LADEN
Reset
0000000
Strap
Bit
Description
7
TBXCS3 (Turbo Transactions on XCS3). When set to 1 and mode 0 is selected (TRANSMD = 0 in the XZM3
register), enables Turbo X-Bus transactions (see Section 5.2.7 on page 99) when XCS3 is accessed. The Turbo
transactions are Normal Address or Latched Address (see Section 5.2.9 on page 101), according to the setting
of the LADEN bit. This bit is locked by setting at least one of the LOCKXSCF bits in the XZM0-XZM3 registers.
0: Disabled (default)
1: Enabled
6
TBXCS2 (Turbo Transactions on XCS2). When set to 1 and mode 0 is selected (TRANSMD = 0 in the XZM2
register), enables Turbo X-Bus transactions (see Section 5.2.7 on page 99) when XCS2 is accessed. The Turbo
transactions are Normal Address or Latched Address (see Section 5.2.9 on page 101), according to the setting
of the LADEN bit. This bit is locked by setting at least one of the LOCKXSCF bits in the XZM0-XZM3 registers.
0: Disabled (default)
1: Enabled
5
TBXCS1 (Turbo Transactions on XCS1). When set to 1 and mode 0 is selected (TRANSMD = 0 in the XZM1
register), enables Turbo X-Bus transactions (see Section 5.2.7 on page 99) when XCS1 is accessed. The Turbo
transactions are Normal Address or Latched Address (see Section 5.2.9 on page 101), according to the setting
of the LADEN bit. This bit is locked by setting at least one of the LOCKXSCF bits in the XZM0-XZM3 registers.
0: Disabled (default)
1: Enabled
4
TBXCS0 (Turbo Transactions on XCS0). When set to 1 and mode 0 is selected (TRANSMD = 0 in the XZM0
register), enables Turbo X-Bus transactions (see Section 5.2.7 on page 99) when XCS0 is accessed. The Turbo
transactions are Normal Address or Latched Address (see Section 5.2.9 on page 101), according to the setting
of the LADEN bit. This bit is locked by setting at least one of the LOCKXSCF bits in the XZM0-XZM3 registers.
0: Disabled (default)
1: Enabled
3-1
Reserved.
0
LADEN (Latch Address Mode Enabled). When set to 1, enables addresses XA27-XA4 to be multiplexed with
the data pins in three phases. Reset value of this bit is set according to the XCNF2 strap, sampled at VSB
Power-Up reset. See Section 1.4.11 on page 29 for the definition of strap setting. This bit is locked by setting at
least one of the LOCKXSCF bits in the XZM0-XZM3 registers.
0: Disabled (default if XCNF2 = 0 - No BIOS)
1: Enabled (default if XCNF2 = 1 - With BIOS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com