Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 106Page - National Semiconductor (TI) PC87413 Datasheet HTML 107Page - National Semiconductor (TI) PC87413 Datasheet HTML 108Page - National Semiconductor (TI) PC87413 Datasheet HTML 109Page - National Semiconductor (TI) PC87413 Datasheet HTML 110Page - National Semiconductor (TI) PC87413 Datasheet HTML 111Page - National Semiconductor (TI) PC87413 Datasheet HTML 112Page - National Semiconductor (TI) PC87413 Datasheet HTML 113Page - National Semiconductor (TI) PC87413 Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 257 page
background image
5.0 X-Bus Extension (Continued)
www.national.com
110
Revision1.2
5.4.4
X-Bus IRQ Configuration Register (XIRQC)
This register defines the functionality of the XIRQ signal.
Power Well:VSB
Location:Offset 04h
Type:
R/W
Table 32. Serial IRQ vs. XIRQ Polarity
Bit
76543210
Name
Reserved
IRQPOLINV
IRQEN
IRQPOL
PWUREN
Reset
00000000
Bit
Description
7-4
Reserved.
3
IRQPOLINV (IRQ Polarity Inversion). This bit controls the polarity of the IRQ signal sent through the IRQ
Serializer (see Table 32). This bit is reset to ‘0’.
2
IRQEN (IRQ Enable). When this bit is set, it enables the interrupt. The bit is ignored when the IRQ is mapped
to zero (see Section 3.2.3 on page 40).
0:
Disabled (default)
1:
Enabled
1
IRQPOL (IRQ Polarity). This bit specifies the active level of the incoming IRQ signal.
0:
Active low (default)
1:
Active high
0
PWUREN (Power-Up Request Enable). When this bit is set, an XIRQ event is routed to the Modules IRQ
Wake-Up Event (bit MOD_IRQ_STS in the GPE1_STS_3 register; see Section 9.4.11 on page 211).
0:
Disabled (default)
1:
Enabled
IRQPOLINV
IRQPOL
Serial IRQ
0
0
XIRQ
01
XIRQ
10
XIRQ
1
1
XIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com