Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 130 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 130 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 126Page - National Semiconductor (TI) PC87413 Datasheet HTML 127Page - National Semiconductor (TI) PC87413 Datasheet HTML 128Page - National Semiconductor (TI) PC87413 Datasheet HTML 129Page - National Semiconductor (TI) PC87413 Datasheet HTML 130Page - National Semiconductor (TI) PC87413 Datasheet HTML 131Page - National Semiconductor (TI) PC87413 Datasheet HTML 132Page - National Semiconductor (TI) PC87413 Datasheet HTML 133Page - National Semiconductor (TI) PC87413 Datasheet HTML 134Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
www.national.com
130
Revision1.2
6.3.5
ACCESS.bus Fast Disable Register (ACBFDIS)
This register provides a fast way to disable one or more modules through the ACCESS.bus without having to access the
Activate register of each module (see Section 3.2.3 on page 40). It is reset by hardware to 00h.
Power Well: VSB
Location:
Offset 03h
Type:
R/W
Bit
76
5
43210
Name
Reserved
KBDDIS
MSDIS
SER1DIS
SER2DIS
PARPDIS
FDCDIS
Reset
0
0
0
00000
Bit
Description
7-6
Reserved.
5
KBDDIS (Keyboard Controller Disable). When set to 1, this bit forces the Keyboard Controller module (Logical
Device 6) to be disabled (and its resources released) regardless of the actual setting of its Activation bit (index
30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
4
MSDIS (Mouse Controller Disable). When set to 1, this bit forces the Mouse Controller module (Logical Device
5) to be disabled (and its resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
3
SER1DIS (Serial Port 1 Disable). When set to 1, this bit forces the Serial Port 1 module to be disabled (and its
resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
2
SER2DIS (Serial Port 2 Disable). When set to 1, this bit forces the Serial Port 2 module to be disabled (and its
resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
1
PARPDIS (Parallel Port Disable). When set to 1, this bit forces the Parallel Port module to be disabled (and its
resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
0
FDCDIS (Floppy Disk Controller Disable). When set to 1, this bit forces the Floppy Disk Controller module to
be disabled (and its resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com