Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 127Page - National Semiconductor (TI) PC87413 Datasheet HTML 128Page - National Semiconductor (TI) PC87413 Datasheet HTML 129Page - National Semiconductor (TI) PC87413 Datasheet HTML 130Page - National Semiconductor (TI) PC87413 Datasheet HTML 131Page - National Semiconductor (TI) PC87413 Datasheet HTML 132Page - National Semiconductor (TI) PC87413 Datasheet HTML 133Page - National Semiconductor (TI) PC87413 Datasheet HTML 134Page - National Semiconductor (TI) PC87413 Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 257 page
background image
6.0 ACCESS.bus Interface (Continued)
Revision 1.2
131
www.national.com
6.3.6
ACCESS.bus TRI-STATE Register (ACBTRIS)
This register provides a fast way to float the outputs of one or more modules through the ACCESS.bus without having to
access their TRI-STATE Control bit in the Special Configuration register at index F0h. The module outputs enter TRI-STATE
only when the module is disabled (see Section 6.3.5 on page 130). The register is reset by hardware to 00h.
Power Well: VSB
Location:
Offset 04h
Type:
R/W
Bit
76
5
43210
Name
Reserved
KBMSTRIS
SER1TRIS
SER2TRIS
PARPTRIS
FDCTRIS
Reset
0
0
0
00000
Bit
Description
7-5
Reserved.
4
KBMSTRIS (Keyboard and Mouse Outputs TRI-STATE). When set to 1 and the module is disabled, this bit
forces the outputs of the Keyboard and Mouse Controller to be in TRI-STATE regardless of bit 0 in the Keyboard
Configuration register (see Section 3.13.3 on page 69).
0: Enabled or Disabled, according to bit 0 in the Keyboard Configuration register (default)
1: Outputs in TRI-STATE
3
SER1TRIS (Serial Port 1 Outputs TRI-STATE). When set to 1 and the module is disabled, this bit forces the
outputs of the Serial Port 1 module to be in TRI-STATE regardless of bits 6 and 0 in the Serial Port 1
Configuration register (see Section 3.11.3 on page 66).
0: Enabled or Disabled, according to bits 6 and 0 in the Serial Port 1 Configuration register (default)
1: Outputs in TRI-STATE
2
SER2TRIS (Serial Port 2 Outputs TRI-STATE). When set to 1 and the module is disabled, this bit forces the
outputs of the Serial Port 2 module to be in TRI-STATE regardless of bits 6 and 0 in the Serial Port 2
Configuration register (see Section 3.10.3 on page 64).
0: Enabled or Disabled, according to bits 6 and 0 in the Serial Port 2 Configuration register (default)
1: Outputs in TRI-STATE
1
PARPTRIS (Parallel Port Outputs TRI-STATE). When set to 1 and the module is disabled, this bit forces the
outputs of the Parallel Port module to be in TRI-STATE regardless of bit 0 in the Parallel Port Configuration
register (see Section 3.9.3 on page 62).
0: Enabled or Disabled, according to bit 0 in the Parallel Port Configuration register (default)
1: Outputs in TRI-STATE
0
FDCTRIS (Floppy Disk Controller Outputs TRI-STATE). When set to 1 and the module is disabled, this bit
forces the outputs of the Floppy Disk Controller module to be in TRI-STATE regardless of bit 0 in the FDC
Configuration register (see Section 3.8.3 on page 59).
0: Enabled or Disabled, according to bit 0 in the FDC Configuration register (default)
1: Outputs in TRI-STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com