Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 132Page - National Semiconductor (TI) PC87413 Datasheet HTML 133Page - National Semiconductor (TI) PC87413 Datasheet HTML 134Page - National Semiconductor (TI) PC87413 Datasheet HTML 135Page - National Semiconductor (TI) PC87413 Datasheet HTML 136Page - National Semiconductor (TI) PC87413 Datasheet HTML 137Page - National Semiconductor (TI) PC87413 Datasheet HTML 138Page - National Semiconductor (TI) PC87413 Datasheet HTML 139Page - National Semiconductor (TI) PC87413 Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 257 page
background image
7.0 General-Purpose Input/Output (GPIO) Ports (Continued)
www.national.com
136
Revision1.2
7.2
BASIC FUNCTIONALITY
The basic functionality of each GPIO pin is based on four configuration bits and a bit slice of runtime registers GPDO and
GPDI. The configuration and operation of a single pin GPIOXn (pin ‘n’ in port ‘X’) is shown in Figure 36.
Figure 36. GPIO Basic Functionality
7.2.1
Configuration Options
The GPCFG1 register controls the following basic configuration options:
• Port Direction - Controlled by the Output Enable bit (bit 0).
• Output Type - Push-pull vs. open-drain. It is controlled by Output Buffer Type (bit 1) by enabling/disabling the upper tran-
sistor of the output buffer.
• Static Pull-Up - May be added to any type of port (input, open-drain or push-pull). It is controlled by Pull-Up Control (bit 2).
• Pin Lock - GPIO pin may be locked to prevent any changes in the output value and/or the output configuration. The lock
is controlled by bit 3. It disables writes to the GPDO register bits, to bits 0-3 of the GPCFG1 register (including the Lock
bit itself) and to bits 4-6 of the GPCFG2 register. Once locked, it can be released by reset or by the UNLOCKG bit in the
ACBLKCTL register (see Section 6.3.4 on page 128 - PC87413 and PC87417).
The GPCFG2 register controls the following basic configuration options:
• Load Protection - Disables the Output Buffer (if enabled), the Static Pull-Up (if enabled) and the Input Buffer (if the Port
is not a GPO type) if the specific GPIO pin is connected to a VDD-powered device and the VDD power is not present
(No_Vdd). This function is controlled by the VDD-powered Load bit (bit 4).
Pin
Data Out
Data In
Output
Enable
Output
Lock
Type
Static
Pull-Up
Pull-Up
Enable
Push-Pull =1
Pull-Up
Control
Read Only
Read/Write
(Bit 3)
(Bit 2)
(Bit 1)
(Bit 0)
Lock
Lock
Lock
GPIO Pin Configuration Registers 1 and 2
(GPCFG1)
ACCESS.bus
LPC Bus
VDD-powered
Load
Bus
Control
(Bits 6,5)
(Bit 4)
Lock
Lock
No_Vdd
(GPCFG2)
Pin
(GPDI)
(GPDO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com