Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 133Page - National Semiconductor (TI) PC87413 Datasheet HTML 134Page - National Semiconductor (TI) PC87413 Datasheet HTML 135Page - National Semiconductor (TI) PC87413 Datasheet HTML 136Page - National Semiconductor (TI) PC87413 Datasheet HTML 137Page - National Semiconductor (TI) PC87413 Datasheet HTML 138Page - National Semiconductor (TI) PC87413 Datasheet HTML 139Page - National Semiconductor (TI) PC87413 Datasheet HTML 140Page - National Semiconductor (TI) PC87413 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 257 page
background image
7.0 General-Purpose Input/Output (GPIO) Ports (Continued)
Revision 1.2
137
www.national.com
• Access Control - Limits access to the specific pin from only one of the buses (ACCESS.bus or LPC bus). When access
from a bus is disabled, attempted writes to the Basic Functionality configuration registers (GPCFG1 bits 3-0 and
GPCFG2 bits 6-4, none of which are shown in Figure 36) and to the corresponding bit in the GPDO register are ignored.
Reads from the bits above and from the corresponding bit in the GPDI register are allowed and return the actual bit value.
Bus access is controlled by Bus Control bits (bits 6 and 5). After reset, both bits are ‘0’ and access is allowed from both
ACCESS.bus and LPC bus. In the PC87414 and PC87416, this feature is irrelevant because only the LPC bus is
available.
7.2.2
Operation
If the output is enabled, the value that is written to the GPDO register is driven to the pin. Reading from the GPDO register
returns its contents regardless of the actual pin value or the port configuration.
The GPDI register is a read-only register. Reading from the GPDI register returns the actual pin value regardless of its
source (the port itself or an external device). Writing to this register is ignored.
Activation of the GPIO module is controlled by device-specific configuration bits. When this module is inactive, access
through the LPC bus to the runtime registers (GPDI and GPDO) is disabled; however, there is no change in the GPDO value
and therefore there is no effect on the outputs of the pins.
7.3
EVENT HANDLING AND SYSTEM NOTIFICATION
The enhanced GPIO port (GPIOE) supports system notification based on event detection. This functionality is based on
configuration bits and a bit slice of runtime registers GPEVEN and GPEVST. The configuration and operation of the event
detection capability is shown in Figure 37. System notification is described in Section 7.3.2.
Figure 37. Event Detection
7.3.1
Event Configuration
Each pin in the GPIO port is a potential input event source. The event detection can trigger a system notification upon pre-
determined behavior of the source pin. The GPCFG1 register determines the event detection trigger type for the system
notification.
Event
Enable
Event Polarity
Input
Debouncer
1
0
Event
Internal
Bus
0
1
Pin
Level =1
Write 1 to Clear
Status
Rising Edge or
Rising
Edge
Detector
High Level =1
GPIO Pin Configuration Register 1
Event Type
Event
Debounce
Enable
R/W
Bit 6
Bit 5
Bit 4
Indication
Pending
(GPCFG1)
Reset
Set
GPIO Event Indication to SWC
Read
GPIO
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com