Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 141 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 141 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 137Page - National Semiconductor (TI) PC87413 Datasheet HTML 138Page - National Semiconductor (TI) PC87413 Datasheet HTML 139Page - National Semiconductor (TI) PC87413 Datasheet HTML 140Page - National Semiconductor (TI) PC87413 Datasheet HTML 141Page - National Semiconductor (TI) PC87413 Datasheet HTML 142Page - National Semiconductor (TI) PC87413 Datasheet HTML 143Page - National Semiconductor (TI) PC87413 Datasheet HTML 144Page - National Semiconductor (TI) PC87413 Datasheet HTML 145Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 257 page
background image
7.0 General-Purpose Input/Output (GPIO) Ports (Continued)
Revision 1.2
141
www.national.com
7.4.5
GPIO Event Enable Register (GPEVEN)
Power Well:VSB
Location:Device specific
Type:
R/W
7.4.6
GPIO Event Status Register (GPEVST)
Power Well:VSB
Location:Device specific
Type:
R/W1C
Bit
76543210
Name
EVTENA
Reset
00000000
Bit
Description
7-0
EVTENA (Event Enable). Bits 7-0 correspond to pins 7-0 of the specific Port. Each bit enables system
notification by the corresponding GPIO pin. The bit has no effect on the corresponding Status bit in the GPEVST
register.
0: Event Pending by corresponding GPIO pin masked
1: Event Pending by corresponding GPIO pin enabled
Bit
76543210
Name
EVTSTAT
Reset
00000000
Bit
Description
7-0
EVTSTAT (Event Status). Bits 7-0 correspond to pins 7-0 of the specific Port. The setting of each bit is
independent of the Event Enable bit in the GPEVEN register. An active event sets the Status bit, which may be
cleared only by software writing 1 to the bit.
0: No active edge or level detected since last cleared
1: Active edge or level detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com