Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 142 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 142 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 138Page - National Semiconductor (TI) PC87413 Datasheet HTML 139Page - National Semiconductor (TI) PC87413 Datasheet HTML 140Page - National Semiconductor (TI) PC87413 Datasheet HTML 141Page - National Semiconductor (TI) PC87413 Datasheet HTML 142Page - National Semiconductor (TI) PC87413 Datasheet HTML 143Page - National Semiconductor (TI) PC87413 Datasheet HTML 144Page - National Semiconductor (TI) PC87413 Datasheet HTML 145Page - National Semiconductor (TI) PC87413 Datasheet HTML 146Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 257 page
background image
www.national.com
142
Revision 1.2
8.0
Real-Time Clock (RTC)
8.1
OVERVIEW
The RTC provides timekeeping and calendar management capabilities. It uses a 32.768 KHz signal as the basic clock for
timekeeping. The RTC also includes 242 bytes of battery-backed RAM for general-purpose use.
The RTC provides the following functions:
q
Accurate timekeeping and calendar management.
q
Alarm at a predetermined time and/or date.
q
Three programmable interrupt sources.
q
Valid timekeeping during power-down by utilizing external battery backup.
q
242 bytes of battery-backed RAM.
q
RAM lock schemes to protect its content.
q
Internal oscillator circuit (the crystal itself is off-chip) or external clock supply for the 32.768 KHz clock.
q
A century counter.
q
PnP support:
— Relocatable index and data registers
— Module access enable/disable option
— Host interrupt enable/disable option
q
Additional low-power features such as:
— Automatic switching from VBAT to VSB
— Internal power monitoring on the VRT bit
— Oscillator disabling to conserve battery power during storage
q
Software compatible with the DS1287 and MC146818.
8.2
FUNCTIONAL DESCRIPTION
8.2.1
Bus Interface
The RTC function is initially mapped to the default ServerI/O locations at indexes 70h to 73h (two Index/Data pairs). These
locations may be reassigned in compliance with Plug and Play requirements.
8.2.2
RTC Clock Generation
The RTC uses a 32.768 KHz clock signal as the basic clock for timekeeping. The 32.768 KHz clock is supplied by either the
internal oscillator circuit or by an external oscillator (see Sections 8.2.3 and 8.2.4).
8.2.3
Internal Oscillator
The internal oscillator employs an external crystal connected to the on-chip amplifier. The on-chip amplifier is accessible on
the 32KX1 input pin and 32KX2 output pin. See Figure 39 for the recommended external circuit; see Table 35 on page 143
for a listing of the circuit components. The oscillator may be disabled in certain conditions. See Section 8.2.12 on page 147
for more details.
Figure 39. Recommended Oscillator External Circuitry
VBAT
CF
Internal
External
R2
32KX1 /
32KX2
C1
C2
R1
Y
To other
modules
Battery
B1
CF = 0.1
µF
32KCLKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com