Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 142Page - National Semiconductor (TI) PC87413 Datasheet HTML 143Page - National Semiconductor (TI) PC87413 Datasheet HTML 144Page - National Semiconductor (TI) PC87413 Datasheet HTML 145Page - National Semiconductor (TI) PC87413 Datasheet HTML 146Page - National Semiconductor (TI) PC87413 Datasheet HTML 147Page - National Semiconductor (TI) PC87413 Datasheet HTML 148Page - National Semiconductor (TI) PC87413 Datasheet HTML 149Page - National Semiconductor (TI) PC87413 Datasheet HTML 150Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
www.national.com
146
Revision1.2
8.2.9
Power Supply
The device is supplied from three supply voltages, as shown in Figure 42:
q
System power supply voltage, VDD.
q
System standby power supply voltage, VSB.
q
Backup voltage, from low-capacity Lithium battery VBAT.
A standby voltage (VSB) from the external AC/DC power supply powers the RTC under normal conditions.
Figure 42. Power Supply Connections
Figure 43 shows a typical battery configuration. No external diode is required to meet the UL standard due to the internal
switch and internal serial resistor RUL(see the MCRS parameter in Section 11.1.2 on page 231).
Figure 43. Typical Battery Configuration
The RTC is supplied from one of two power supplies, VSB or VBAT, depending on their voltage levels. An internal voltage
comparator delivers the control signals to a pair of switches. Battery backup voltage VBAT maintains the correct time and
saves the CMOS memory when the VSB voltage is absent due to power failure or disconnection of the external AC/DC input
power supply or VSB main battery.
To ensure that the module uses power from VSB and not from VBAT, the VSB voltage must be maintained above its minimum,
as detailed in Section 11.1.5 on page 232.
The actual voltage point where the module switches from VBAT to VSB is lower than the minimum workable battery voltage
but high enough to guarantee the correct functionality of the oscillator and the CMOS RAM.
Figure 44 shows typical battery current consumption during battery-backed operation; Figure 45 shows the same during nor-
mal operation.
RTC
Power
Backup
VDD
VBAT
VDD
VSB
VBAT
Battery
External AC Power
Supply
VDD Sense
VSB
VBAT
VSB
VBAT
ONCTL
On/Off
Power Management
Control
ONCTL
VDD
VSB
VBAT
0.1
µF
VSB
VSB
CF
CF
BT1
0.1
µF
VPP
RUL
VREF
RTC
1. Place a 0.1
µF capacitor on each V
SB power supply
pin and on VBAT as close to the pin as possible.
2. Place a 10-47
µF capacitor on the common V
SB power
supply net as close to the device as possible.
CE
22
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com