Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 148 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 148 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 144Page - National Semiconductor (TI) PC87413 Datasheet HTML 145Page - National Semiconductor (TI) PC87413 Datasheet HTML 146Page - National Semiconductor (TI) PC87413 Datasheet HTML 147Page - National Semiconductor (TI) PC87413 Datasheet HTML 148Page - National Semiconductor (TI) PC87413 Datasheet HTML 149Page - National Semiconductor (TI) PC87413 Datasheet HTML 150Page - National Semiconductor (TI) PC87413 Datasheet HTML 151Page - National Semiconductor (TI) PC87413 Datasheet HTML 152Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
www.national.com
148
Revision1.2
If the RTC oscillator becomes inactive, the following features are dysfunctional/disabled:
q
Timekeeping.
q
Periodic interrupt.
q
Alarm.
8.2.13
Interrupt Handling
The RTC has a single Interrupt Request line which handles the following three interrupt conditions:
q
Periodic interrupt.
q
Alarm interrupt.
q
Update end interrupt.
The interrupts are generated if the respective enable bits in the CRB register are set prior to an interrupt event occurrence.
Reading the CRC register clears all interrupt flags. Thus, when multiple interrupts are enabled, the interrupt service routine
must first read and store the CRC register and then deal with all pending interrupts by referring to this stored status.
If an interrupt is not serviced before a second occurrence of the same interrupt condition, the second interrupt event is lost.
Figure 46 illustrates the interrupt and status timing in the RTC.
Figure 46. Interrupt/Status Timing
8.2.14
Battery-Backed RAMs and Registers
The RTC has two battery-backed RAMs and 17 registers used by the logical units themselves. Battery-backup power en-
ables information retention during system power down.
The RAMs are:
q
Standard RAM.
q
Extended RAM.
The memory maps and register content of the RAMs are illustrated in Section 8.6 on page 160.
The first 14 bytes and three programmable bytes of the Standard RAM are overlaid by time, alarm data and control registers.
The remaining 111 bytes are general-purpose memory.
Registers with reserved bits must be written using the “Read-Modify-Write” method.
All register locations within the device are accessed by the RTC Index and Data registers (at base address and base ad-
dress+1). The Index register points to the register location being accessed. The Data register contains the data to be trans-
ferred to or from the location. An additional 128 bytes of battery-backed RAM (also called Extended RAM) may be accessed
via a second pair of Index and Data registers pointed at by the secondary base address and base address+1.
Access to the two RAMs may be locked. For details see the RAM Lock Register (RLR) in Section 3.16.3 on page 88.
Flags (and IRQ) are reset at the conclusion
of CRC read or by reset.
A:
Update In Progress bit high before update occurs = 244
µs
B:
Periodic interrupt to update = (P/2 + A)
C:
Update to Alarm Interrupt = 30.5
µs
P:
Periodic interrupt cycle (programmed by RS3-0 of CRA)
Bit 7 of CRA
Bit 4
Bit 6
Bit 5
A
C
of CRC
of CRC
of CRC
P/2
P/2
(244
µs)
(30.5
µs)
B
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com