Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 147 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 147 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 143Page - National Semiconductor (TI) PC87413 Datasheet HTML 144Page - National Semiconductor (TI) PC87413 Datasheet HTML 145Page - National Semiconductor (TI) PC87413 Datasheet HTML 146Page - National Semiconductor (TI) PC87413 Datasheet HTML 147Page - National Semiconductor (TI) PC87413 Datasheet HTML 148Page - National Semiconductor (TI) PC87413 Datasheet HTML 149Page - National Semiconductor (TI) PC87413 Datasheet HTML 150Page - National Semiconductor (TI) PC87413 Datasheet HTML 151Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
Revision 1.2
147
www.national.com
Figure 44. Typical Battery Current During Battery-Backed Power Mode
Figure 45. Typical Battery Current During Normal Operation Mode
8.2.10
System Bus Lockout
During power On or power Off, spurious bus transactions from the host may occur. To protect the data in the RTC internal
registers from being corrupted, all inputs are automatically locked out. The lockout condition is asserted when VSB is lower
than VSBON at VSB power-on or VSBOFF at VSB power-off.
8.2.11
Power-Up Detection
When system power is restored after a power failure or power off state (VSB=0), the lockout condition continues for a delay
of 62 ms (minimum) to 125 ms (maximum) after the RTC switches from battery to system power.
The lockout condition is switched off immediately in the following situations:
• If the Divider Chain Control bits, DV0-2 (bits 6-4 in the CRA register), specify a normal operation mode (010), all input
signals are enabled immediately on detection of system voltage above VSBON.
• When battery voltage is below V
BATDCT and LRESET is 0, all input signals are enabled immediately on detection of sys-
tem voltage above VSBON. This also initializes registers at offsets 00h through 0Dh.
• If bit 7 (VRT) of the CRD register is 0, all input signals are enabled immediately on detection of system voltage above
VSBON.
8.2.12
Oscillator Activity
The RTC oscillator is active if:
q
VSB power supply is higher than VSBON regardless of the battery voltage, VBAT.
q
VBAT power supply is higher than VBATMIN whether or not VSB is present.
The RTC oscillator is disabled if:
q
During power-down (VBAT only), if the battery voltage drops below VBATMIN, Battery Fail state may be entered. In this
case, the oscillator may stop oscillating and memory contents may be corrupted or lost.
q
Software writes 00h to DV2-0 bits of the CRA register and VSB is removed. This disables the oscillator and decreases
the power consumption from the battery connected to the VBAT pin. When disabling the oscillator, the CMOS RAM is
not affected as long as the battery is present at a correct voltage level.
IBAT (µA)
1.0
0.9
0.8
0.7
2.4 3.0 3.6
VBAT (V)
IBAT (µA)
0.20
0.15
0.10
0.05
3.0 3.3 3.6
VSB
Note: Battery voltage in this test is 3.0V.
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com