Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87413 Datasheet(PDF) 150 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87413
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87413 Datasheet(HTML) 150 Page - National Semiconductor (TI)

Back Button PC87413 Datasheet HTML 146Page - National Semiconductor (TI) PC87413 Datasheet HTML 147Page - National Semiconductor (TI) PC87413 Datasheet HTML 148Page - National Semiconductor (TI) PC87413 Datasheet HTML 149Page - National Semiconductor (TI) PC87413 Datasheet HTML 150Page - National Semiconductor (TI) PC87413 Datasheet HTML 151Page - National Semiconductor (TI) PC87413 Datasheet HTML 152Page - National Semiconductor (TI) PC87413 Datasheet HTML 153Page - National Semiconductor (TI) PC87413 Datasheet HTML 154Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
www.national.com
150
Revision1.2
8.3.2
RTC Runtime Register Map
The RTC runtime registers can be accessed at any time during normal or standby operation; i.e., when VSB and/or VDD are
within the recommended operation range. The access is disabled during battery-backed operation. Write operation to these
registers is also disabled if bit 7 of the CRD register is 0 (see Section 8.3.16 on page 157).
Note: Before attempting to perform any start-up procedures, read the explanation of bit 7 (VRT) of the CRD register (see
Section 8.3.16 on page 157).
See Section 8.6 on page 160 for a detailed description of the memory map for the RTC registers.
This section describes the RTC Timing and Control registers that control basic RTC functionality. All registers are VPP pow-
ered.
8.3.3
Seconds Register (SEC)
Power Well:VPP
Location: Index 00h
Type:
R/W
Index
Mnemonic
Name
Type
Power
Well
Reset
Section
00h
SEC
Seconds Register
R/W
VPP
VPP PUR
8.3.3
01h
SECA
Seconds Alarm Register
R/W
VPP
VPP PUR
8.3.4
02h
MIN
Minutes Register
R/W
VPP
VPP PUR
8.3.5
03h
MINA
Minutes Alarm Register
R/W
VPP
VPP PUR
8.3.6
04h
HOR
Hours Register
R/W
VPP
VPP PUR
8.3.7
05h
HORA
Hours Alarm Register
R/W
VPP
VPP PUR
8.3.8
06h
DOW
Day-of-Week Register
R/W
VPP
VPP PUR
8.3.9
07h
DOM
Date-of-Month Register
R/W
VPP
VPP PUR
8.3.10
08h
MON
Month Register
R/W
VPP
VPP PUR
8.3.11
09h
YER
Year Register
R/W
VPP
VPP PUR
8.3.12
0Ah
CRA
RTC Control Register A
Varies per bit
VPP
Bit specific
8.3.13
0Bh
CRB
RTC Control Register B
R/W
VPP
Bit specific
8.3.14
0Ch
CRC
RTC Control Register C
R/O
VPP
Bit specific
8.3.15
0Dh
CRD
RTC Control Register D
R/O
VPP
VPP PUR
8.3.16
Programmable1 by DOMAO
1. Overlaid on RAM bytes in range 0Eh-7Fh.
DOMA
Date-of-Month Alarm Register
R/W
VPP
VPP PUR
8.3.17
Programmable1 by MONAO MONA
Month Alarm Register
R/W
VPP
VPP PUR
8.3.18
Programmable1 by CENO
CEN
Century Register
R/W
VPP
VPP PUR
8.3.19
Bit
76543210
Name
Seconds Data
Reset
00000000
Bit
Description
7-0
Seconds Data. Values may be 00 to 59 in BCD format or 00 to 3B in Binary format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com