Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 8Page - ATMEL Corporation AT86RF211 Datasheet HTML 9Page - ATMEL Corporation AT86RF211 Datasheet HTML 10Page - ATMEL Corporation AT86RF211 Datasheet HTML 11Page - ATMEL Corporation AT86RF211 Datasheet HTML 12Page - ATMEL Corporation AT86RF211 Datasheet HTML 13Page - ATMEL Corporation AT86RF211 Datasheet HTML 14Page - ATMEL Corporation AT86RF211 Datasheet HTML 15Page - ATMEL Corporation AT86RF211 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
12
AT86RF211
1942C–WIRE–06/02
Figure 11. Schematic Input of the LNA
Figure 12. Schematic Output of the Mixer
The first mixer translates the input RF signal down to 10.7 MHz or 21.4 MHz as chosen
by the user. The local oscillator is provided by the same synthesizer which will generate
a local frequency 10.7 MHz or 21.4 MHz away from the Tx carrier frequency.
The output impedance of the mixer is 330
Ω with a 20% accuracy, so that low cost, stan-
dard 10.7 MHz ceramic filters can be directly driven. Other IFs may be chosen thanks to
the high bandwidth (50 MHz) of the mixer.
IF1 filtering
A popular ceramic filter is used to reject the second image frequency and provide a first
level of filtering.
The IF1 filter can however be removed; it leads to a sensitivity reduction of about 3 dB
(the substitution coupling capacitor should be > 100 pF).
IF1 Gain and Second Mixer
The input impedance of the IF1 amplifier is naturally 330
Ω to match the input filter. The
voltage gain, i.e. gain at 10.7 MHz or 21.4 MHz added to the conversion gain at 455 kHz
is typically 14 dB when loaded by 1700
Ω. The second mixer operates at a fixed LO fre-
quency of 10.245 MHz or 20.945 MHz. Its output impedance is 1700
Ω in parallel with 20
pF.
RXIN
IF1OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com