Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 39Page - ATMEL Corporation AT86RF211 Datasheet HTML 40Page - ATMEL Corporation AT86RF211 Datasheet HTML 41Page - ATMEL Corporation AT86RF211 Datasheet HTML 42Page - ATMEL Corporation AT86RF211 Datasheet HTML 43Page - ATMEL Corporation AT86RF211 Datasheet HTML 44Page - ATMEL Corporation AT86RF211 Datasheet HTML 45Page - ATMEL Corporation AT86RF211 Datasheet HTML 46Page - ATMEL Corporation AT86RF211 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
43
AT86RF211
1942C–WIRE–06/02
Synthesizer
Specification
Unless otherwise specified, data is given for T = 25°C, V
SUPPLY =2.7V
ii
Notes:
1. Crystal frequency can be slightly changed but since IF2 = IF1 - Crystal frequency, IF2 will shift and must remain within the
IF2 filter and discriminator bandwidth.
2. With the "typical implementation" loop filter.
Receiver Specification
Unless otherwise specified, data is given for T = 25°CV
SUPPLY =2.7V
Note:
1. The overall sensitivity depends on measurements conditions and external components, i.e.:
-100 dBm for BW = ± 10 kHz,
∆F = ± 7.5 kHz, Brate = 4800 bps with RF switch used and external SAW filter
Parameter
Min
Typ
Max
Unit
Comments
Frequency Range
400
480
MHz
Digital programming
Frequency Range
800
950
MHz
Digital programming
Crystal Frequency
10.235
10.245
10.255
MHz
IF 1 = 10.7 MHz
(1)
Crystal Frequency
20.925
20.945
20.965
MHz
IF 1 = 21.4 MHz
(1)
Oscillator Settling Time
5
8
ms
Depending on crystal
specifications
Lock Time
(2)
300
µs
From oscillator settling
Lock Time
(2)
30
µs
100 kHz shift
Phase Noise 400 to 480 MHz
-80
dBc/Hz
At 10 kHz from the carrier
Phase Noise 800 to 950 MHz
-75
dBc/Hz
At 10 kHz from the carrier
Phase Noise 400 to 480 MHz
-91
dBc/Hz
At 100 kHz from the carrier
Phase Noise 800 to 950 MHz
-86
dBc/Hz
At 100 kHz from the carrier
Parameter
Min
Typ
Max
Unit
Comments
IF1
10.7
MHz
21.4 MHz also possible
IF1 Filter Impedance
330
Ω
IF2
455
kHz
IF2 Filter Impedance
1700
Ω
FSK Sensitivity
-105
dBm
Typical performance with a BER of 1% at input pin
RXIN (45). BW= ±10kHz,
∆F = ± 7.5 kHz; Brate =
4800 bps
(1)
Noise Figure
15
dB
Input matched, complete RX chain
Input IP3
-15
dBm
Max Input Power
-5
dBm
BER < 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com