Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 10Page - ATMEL Corporation AT86RF211 Datasheet HTML 11Page - ATMEL Corporation AT86RF211 Datasheet HTML 12Page - ATMEL Corporation AT86RF211 Datasheet HTML 13Page - ATMEL Corporation AT86RF211 Datasheet HTML 14Page - ATMEL Corporation AT86RF211 Datasheet HTML 15Page - ATMEL Corporation AT86RF211 Datasheet HTML 16Page - ATMEL Corporation AT86RF211 Datasheet HTML 17Page - ATMEL Corporation AT86RF211 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
14
AT86RF211
1942C–WIRE–06/02
Figure 16. LC Band-pass Filter
•
10 nF capacitors cut DC response forward and backward.
•
The first network has the low cut-off frequency.
•
The second network has the high cut-off frequency.
IF2 Amplifier Chain
The input impedance of the IF2 amplifier is 1700
Ω. This value enables the use of popu-
lar filters with impedance between 1500
Ω and 2000Ω. It is directly connected to the FSK
demodulator. The bandwidth is internally limited to 1 MHz to minimize the noise before
the discriminator. It acts like a band pass filter centered at 455 kHz with capacitive cou-
pling between stages of amplifier and mixer. Total voltage gain is typically 86 dB.
Thanks to the capacitive coupling, no slow DC feedback loop is needed enabling a fast
turn on time. IF2DEC has to be decoupled with at least 2.2 nF.
Figure 17. Input of the IF2 Amplifier Schematic
F2
F1
10 nF
10 nF
~ F1
~ F2
40 kHz or higher
global response
Filter
gain
Frequency
1900
Ω
IF2IN
IF2DEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com