Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 33Page - ATMEL Corporation AT86RF211 Datasheet HTML 34Page - ATMEL Corporation AT86RF211 Datasheet HTML 35Page - ATMEL Corporation AT86RF211 Datasheet HTML 36Page - ATMEL Corporation AT86RF211 Datasheet HTML 37Page - ATMEL Corporation AT86RF211 Datasheet HTML 38Page - ATMEL Corporation AT86RF211 Datasheet HTML 39Page - ATMEL Corporation AT86RF211 Datasheet HTML 40Page - ATMEL Corporation AT86RF211 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
37
AT86RF211
1942C–WIRE–06/02
• WL1 Programming
WL1 can be set from 1 ms to 1.024 sec. A 1 ms period clock is used for this delay
generation.
Bit 6 gives a period multiplication factor of 1 or 16 (by 16 clock prescaler).
Bits 5 to 0 give the number of cycles of the divided clock from 1 to 64 (counter).
Table 16. Wake Up Period Programming
WPER[8:0]
WPER[8:7]
WPER[6:0]
Period
Prescaler
Comments
(000)
16
(00)
2
(00)
16
10 ms
1
1 x 10 ms
(001)
16
(00)
2
(01)
16
20 ms
1
(1+1) x 10 ms
–
(00)10
(vv)10
–
1(vv +1) x 10 ms
(07e)
16
(00)
2
(7e)
16
1270 ms
1
1 x 1270 ms
(07f)
16
(00)
2
(7f)
16
1280 ms
1
1 x 1280 ms
(101)
16 or (081)16
(10)
2 or (01)2
(01)
16
170 ms
16
((16 x 1)+1) x 10 ms
(102)
16 or (082)16
(10)
2 or (01)2
(02)
16
330 ms
16
((16 x 2)+1) x 10 ms
–
(10)
2 or (01)2
(vv)
10
–
16
((16 x vv)+1) x 10 ms
(17e)
16 or (0fe)16
(10)
2 or (01)2
(7e)
16
20.2 sec
16
((16 x 126)+1) x 10 ms
(17f)
16 or (0ff)16
(10)
2 or (01)2
(7f)
16
20.3 sec
16
((16 x 127)+1) x 10 ms
(181)
16
(11)
2
(01)
16
2.57 sec
256
((256 x 1)+1) x 10 ms
(182)
16
(11)
2
(02)
16
5.13 sec
256
((256 x 2)+1) x10 ms
–
(11)
2
(vv)
10
–
256
((256 x vv) +1) x 10 ms
(1fe)
16
(11)
2
(7e)
16
323 sec
256
((256 x 126)+1) x 10 ms
(1ff)
16
(11)
2
(7f)
16
325 sec
256
((256 x 127)+1) x 10 ms
Table 17. WL1 Programming
WL1[6:0]
WL1[6]
WL1[5:0]
Period
Prescaler
Comments
(00)
16
0(00)
16
1 ms
1
1x 1ms
(01)
16
0(01)
16
2ms
1
(1+1)x 1ms
(vv)10
0(vv)10
vv + 1 ms
1
1x (vv +1) ms
(3e)
16
0(3e)
16
63 ms
1
1 x 63 ms
(3f)
16
0(3f)
16
64 ms
1
1 x 64 ms
(40)
16
1(00)
16
16 ms
16
16 x 1 ms
(41)
16
1(01)
16
32 ms
16
16 x 2 ms
–
1(vv)10
–
16
16 x (vv +1) ms
(7e)
16
1(3e)
16
1.008 sec
16
16 x 63 ms
(7f)
16
1(3f)
16
1.024 sec
16
16 x 64 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com