Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 31Page - ATMEL Corporation AT86RF211 Datasheet HTML 32Page - ATMEL Corporation AT86RF211 Datasheet HTML 33Page - ATMEL Corporation AT86RF211 Datasheet HTML 34Page - ATMEL Corporation AT86RF211 Datasheet HTML 35Page - ATMEL Corporation AT86RF211 Datasheet HTML 36Page - ATMEL Corporation AT86RF211 Datasheet HTML 37Page - ATMEL Corporation AT86RF211 Datasheet HTML 38Page - ATMEL Corporation AT86RF211 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
35
AT86RF211
1942C–WIRE–06/02
Wake-up Control Register
Register reset value = (7f8be110)
16
Table 13. DTR Detailed Description
Name
Number
of bits
Comments
DSOFFSET
4
Data Slicer reference tuning
(0000)2 to (1111)2
reset value: (1000)
2
DISCHIGH
1
Discriminator offset shift (high)
0: no shift
1: output level increased
resetvalue:0
DISCLOW
1
Discriminator offset shift (low)
0: no shift
1: output level decreased
resetvalue:0
Table 14. WUC Overview
Name
WUE
DATA
STOP
DATL
ADD
–
WPER
WL1
nbit
31
30
29
28-24
23
22
21-13
12-6
init
0
1
1
(11111)
2
1
0
(001011111)
2
(0000100)
2
Name
WL2
ISTU
––
nbit
5-3
2
1
0
init
(010)
2
00
0
Table 15. WUC Detailed Description
Name
Number
of bits
Comments
WUE
1
Wake-up function enable
Returns to “0” when a valid message is received.
0: wake-up disable
1: wake-up enable
reset value: 0
DATA
1
Data content
0: message without data field
1: messagewithdata field
reset value: 1
STOP
1
STOP field usage
0: fixed data length: data length set from 1 to 32 by DATL
1: variable data length: data length given by the STOP field location; DATL must be set to (11111)
2
reset value: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com