Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 19Page - ATMEL Corporation AT86RF211 Datasheet HTML 20Page - ATMEL Corporation AT86RF211 Datasheet HTML 21Page - ATMEL Corporation AT86RF211 Datasheet HTML 22Page - ATMEL Corporation AT86RF211 Datasheet HTML 23Page - ATMEL Corporation AT86RF211 Datasheet HTML 24Page - ATMEL Corporation AT86RF211 Datasheet HTML 25Page - ATMEL Corporation AT86RF211 Datasheet HTML 26Page - ATMEL Corporation AT86RF211 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
23
AT86RF211
1942C–WIRE–06/02
• Register Interface Format
A message is made of 3 fields:
–
address A[3:0]: 4 bits (MSB first)
–
R/W: read/write selection
–
data D[31:0]: up to 32 bits (MSB first)
Variable register length and partial read or write cycles are supported.
In case of partial read or write cycles, the first data (in or out) is always the MSB of the
register.
• WRITE Mode (R/W = 1)
The address, R/W and data bits are clocked on the rising edge of SCK.
If the number of data bits is lower than the register capacity, the LSB bits keep their
former value allowing safe partial write. If the number of data bits is greater than the reg-
ister capacity, the extra bits are ignored.
The data is actually written into the register on the rising edge of SLE when the data
length is less or equal to the register length.
When trying to write more data than the register length, data field is written on the first
extra rising clock edge regarding register length.
Figure 29. Write Chronogram: Complete Write Cycle in a 10 bits Register
The complete register of 10 bits is updated on a rising edge of SLE.
Figure 30. Write Chronogram: Partial Write Cycle, Writing 2 bits
ADDRESS
R/W
DATA up to 32 bits (variable length)
A[3]
A[2]
A[1]
A[0]
R/W
MSB
D[nbit-1:0]
LSB
D[8]
A[1]
A[2]
D[7]
A[3]
R / W
SLE
SCK
SDATA
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
A[0]
D[9]
A[1]
A[2]
A[3]
R/W
SLE
SCK
SDATA
D[30]
A[0]
D[31]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com