Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 28Page - ATMEL Corporation AT86RF211 Datasheet HTML 29Page - ATMEL Corporation AT86RF211 Datasheet HTML 30Page - ATMEL Corporation AT86RF211 Datasheet HTML 31Page - ATMEL Corporation AT86RF211 Datasheet HTML 32Page - ATMEL Corporation AT86RF211 Datasheet HTML 33Page - ATMEL Corporation AT86RF211 Datasheet HTML 34Page - ATMEL Corporation AT86RF211 Datasheet HTML 35Page - ATMEL Corporation AT86RF211 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
AT86RF211
1942C–WIRE–06/02
Frequency Registers
Note:
1. F0, F1, F2 and F3 registers must be programmed before using the device.
• Frequency Registers Selection
The FSK modulation is completely integrated. Two registers have to be programmed
(default F0 and F1) to allow "0" and "1" transmission.
The frequency register selection depends on the control register programming and on
the DATAMSG pin:
Table 9. Frequency Registers
Name
F0, F1, F2, F3
nbit
31-0
Name
Number
of bits
Comments
F0
32
Frequency code value F0
default register in TX mode ("0" code in FSK modulation).
F1
32
Frequency code value F1
default register in TX mode ("1" code frequency in FSK modulation).
F2
32
Frequency code value F2
default register in RX mode.
F3
32
Frequency code value F3
There is no simple relationship between frequency registers and the exact frequency. Atmel
provides a tool to program them on a production bench.
RXTX
RXFS
TXFS
DATAMSG
Mode
0
00
X
X
Receive LO is F0
0
01
X
X
Receive LO is F1
0
10
X
X
Receive LO is F2
0
11
X
X
Receive LO is F3
1
XX
0
0
Transmit "0" on F0
1
XX
0
1
Transmit "1" on F1
1
XX
1
0
Transmit "0" on F2
1
XX
1
1
Transmit "1" on F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com