Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 37Page - ATMEL Corporation AT86RF211 Datasheet HTML 38Page - ATMEL Corporation AT86RF211 Datasheet HTML 39Page - ATMEL Corporation AT86RF211 Datasheet HTML 40Page - ATMEL Corporation AT86RF211 Datasheet HTML 41Page - ATMEL Corporation AT86RF211 Datasheet HTML 42Page - ATMEL Corporation AT86RF211 Datasheet HTML 43Page - ATMEL Corporation AT86RF211 Datasheet HTML 44Page - ATMEL Corporation AT86RF211 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
41
AT86RF211
1942C–WIRE–06/02
Electrical
Specification
ESD sensitive device: storage or handling of the device must be carried out
according to usual protection rules.
Absolute Maximum
Ratings
Note:
Stresses beyond the conditions listed above may cause permanent damage to the
device. Exposure to Absolute Maximum Ratings conditions for an extended period may
affect device reliability.
DC Characteristics
Unless otherwise specified, data is given for T = 25°C, V
SUPPLY =2.7V
Note:
1. The allowed supply voltage of the AT86RF211 is higher than 3.75V. However, we
strongly recommend not to exceed 3.75V from now on, to be compliant with future
versions of the device.
Temperature
+95°C
Storage temperature
-65 to +150°C
Supply voltage
0 to 3.95V
Digital input voltage
-0.3 to VCC +0.3V
RXIN input power
0 dBm
Parameter
Min
Typ
Max
Unit
Comment
Supply voltage
2.4
3.75
V
(1)
Supply current
0.5
µA
Power-down
Supply current
3
µA
Sleep mode
Supply current
29
mA
Rx mode
Supply current
35
mA
Tx mode, Pout = +10 dBm at 433 MHz
Supply current
20
mA
Tx mode, PDN-PA on
Operating temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com