Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT86RF211 Datasheet HTML 1Page - ATMEL Corporation AT86RF211 Datasheet HTML 2Page - ATMEL Corporation AT86RF211 Datasheet HTML 3Page - ATMEL Corporation AT86RF211 Datasheet HTML 4Page - ATMEL Corporation AT86RF211 Datasheet HTML 5Page - ATMEL Corporation AT86RF211 Datasheet HTML 6Page - ATMEL Corporation AT86RF211 Datasheet HTML 7Page - ATMEL Corporation AT86RF211 Datasheet HTML 8Page - ATMEL Corporation AT86RF211 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
AT86RF211
1942C–WIRE–06/02
Block Diagram
Figure 4. AT86RF211 Block Diagram
SYNTHESIZER
FREQUENCY
CTRL
CONTROL LOGIC
WAKE-UP
DATA SLICER
BANDWIDTH CTRL
RSSI LEVEL
FM DISCRIMINATOR
OPTIONAL
FILTER
IF2
FILTER
455 kHz
PWR
CTRL
TX
PA
Optional
These are the only blocks that depend
on the selected ISM band (433, 868
or 915 MHz): dual band applications
can be done by only switching them.
Synthesizer, loop filter, IF filter(s),
power supply decoupling are identical.
GAIN MIN/MAX
Rx
AERIAL
MATCHING
CIRCUIT
DATA
MSG
DATA
CLK
SDATA
WAKE-UP
SLE
SCK
IF2
AMP
IF1
AMP
MIXER2
IF1
FILTER
10.7 MHz
or
21.4 MHz
LNA
MIXER1
TX/RX
RF
FILTER
RPOWER
OSC
10.245 MHz
or
20.945 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com