Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 13Page - ATMEL Corporation AT86RF211 Datasheet HTML 14Page - ATMEL Corporation AT86RF211 Datasheet HTML 15Page - ATMEL Corporation AT86RF211 Datasheet HTML 16Page - ATMEL Corporation AT86RF211 Datasheet HTML 17Page - ATMEL Corporation AT86RF211 Datasheet HTML 18Page - ATMEL Corporation AT86RF211 Datasheet HTML 19Page - ATMEL Corporation AT86RF211 Datasheet HTML 20Page - ATMEL Corporation AT86RF211 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
17
AT86RF211
1942C–WIRE–06/02
The input RBW resistor controls the discriminator bandwidth. This bandwidth is selected
by CTRL1[6]. The default value is "standard discriminator BW". The slope of the discrim-
inator increases by 5 mV/kHz/V with V
CC andis 14mV at 2.4V.
Example:
V
CC = 3V implies +17 mV/kHz sensitivity for the demodulator
V
CC = 3.6V implies +20 mV/kHz sensitivity for the demodulator
Data Slicer
The analog signals at the output of the discriminator (DISCOUT, pin 27) are converted
into CMOS level data by a high resolution comparator called a Data Slicer.
The Data Slicer has a reference for its comparator which can be chosen thanks to
CTRL1[4]. The reference sets the comparison level of the comparator. One option is to
extract the average value of the demodulated signal on the SKFILT pin (25), this is the
external mode. The other option is to set an absolute value for this reference (internal
mode).
•
External mode:
The external mode uses the average value of the demodulated signal as the compari-
son level for the comparator. Thus there must be enough transitions in the message to
ensure that the average value remains between the "0" level and the "1" level. Manches-
ter encoding can be used in this mode as well as DC-free encoding schemes. The
choice for SKFILT capacitor is a trade-off between the maximum duration of a constant
bit (whatever "0" or "1") and the max allowed settling time to charge this capacitor after
powering up.
Note:
The SKFILT pin is in high impedance state during the "sleep" period of the Wake Up
mode, so that the level is kept constant and there is no need to charge again this tank.
•
Internal mode:
The internal mode uses the output of a DAC as the comparison level. Once this thres-
hold has been correctly set, an "absolute" data slicing of the demodulated signal is
possible: no need for DC-free modulation scheme (it is possible to send a "0" or "1"
infinitely).
Figure 21. Schematic of the Data Slicer
DATAMSG
-
+
-
+
100 k
Ω
DISCOUT
-
+
Vdd/2
SKFILT
DSIN
4 bits
+
+
Choice of internal or
external reference for
the data slicer
Σ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com