Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 32Page - ATMEL Corporation AT86RF211 Datasheet HTML 33Page - ATMEL Corporation AT86RF211 Datasheet HTML 34Page - ATMEL Corporation AT86RF211 Datasheet HTML 35Page - ATMEL Corporation AT86RF211 Datasheet HTML 36Page - ATMEL Corporation AT86RF211 Datasheet HTML 37Page - ATMEL Corporation AT86RF211 Datasheet HTML 38Page - ATMEL Corporation AT86RF211 Datasheet HTML 39Page - ATMEL Corporation AT86RF211 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
36
AT86RF211
1942C–WIRE–06/02
• WPER Programming
WPER can be set from 10 ms to 328 sec with an accuracy of ±20%. A 10 ms period
clock is used for this period generation.
Bit 8 and 7 give a period multiplication factor of 1, 16 or 256 (with two serial by 16 clock
prescalers).
Bit 6 to 0 give the number of cycles of the divided clock from 1 to 128 (counter).
DATL
5
Data length
Valid in fixed data length mode (STOP = 0).
(00000)
2: 1 bit (min data length value)
-------------------
(11110)
2:31bits
(11111)
2: 32 bits (max data length value)
reset value: (11111)
2
ADD
1
Address content
0: message without address field
1: message with address field
reset value: 1
MSGTST
1
Message error test
0: no error detection mode
1: error detection enabling for debugging
reset value: 0
WPER
9
Wake-up period
Variable from 10 ms to 328 sec with an accuracy of ±20%.(on-chip RC oscillator)
reset value: 960 ms
reset value: (5f)
16
WL1
7
Minimum delay before TEST1 (check of RSSI level)
Variable from 1ms to 1.024 sec
Delay calculation starts when the reference oscillator starts
resetvalue:5 ms
reset value: (04)16
WL2
3
Minimum delay between TEST 1 and TEST 2 (check of header detection)
Variable as multiple of WL1 from 0 to 31 x WL1
reset value: 2 x WL1
reset value: (2)10
ISTU
1
Inhibit stuff mechanism
0: stuff is used for wake-up message
1: no stuff used in the wake-up message
reset value: 0
-
2
Reserved,mustbe kepttoreset value
reset value: 0
Table 15. WUC Detailed Description (Continued)
Name
Number
of bits
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com