Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 23Page - ATMEL Corporation AT86RF211 Datasheet HTML 24Page - ATMEL Corporation AT86RF211 Datasheet HTML 25Page - ATMEL Corporation AT86RF211 Datasheet HTML 26Page - ATMEL Corporation AT86RF211 Datasheet HTML 27Page - ATMEL Corporation AT86RF211 Datasheet HTML 28Page - ATMEL Corporation AT86RF211 Datasheet HTML 29Page - ATMEL Corporation AT86RF211 Datasheet HTML 30Page - ATMEL Corporation AT86RF211 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
27
AT86RF211
1942C–WIRE–06/02
Table 6. CTRL1 Detailed Description(1)(2)(4)(3)
Name
Number
of Bits
Comments
PDN
1
General power-down
0: power down mode; only the serial interface is active
1: AT86RF211 activated
resetvalue:0
RXTX
1
Reception or transmission selection
0: Rx mode
1: Tx mode
resetvalue:0
DATACLK
1
DATA clock recovery selection
0: no signal on DATACLK output pin
1: Clock recovery active: DATACLK activated
resetvalue:0
TXLOCK
1
Transmission on PLL lock
0: transmission enabled, regardless of the PLL lock status
1: transmission only when the PLL is locked
resetvalue:1
note: the PLL status is stored in the PLLL bit of the STATUS register
PAPDN
1
Power amplifier power down
0: Tx Power Amplifier power down mode
1: Tx Power Amplifier activated (only if PDN = 1)
resetvalue:0
WUEN
1
Wake-up function enable
0: Wake-up function disabled, whatever the content of the wake-up control registers
1: Wake-up function activated, depending on the content of wake-up control registers
resetvalue:0
LNAGSEL
1
LNA gain selection
0: maximum gain
1: minimum gain
resetvalue:0
MVCC
1
RSSI or V
CC power supply measurement selection
0: RSSI voltage measurement, value is stored in STAT register: MRSSI bits
1: V
CC voltage measurement, value is stored in STAT register: MVCC bits
resetvalue:0
TRSSI
6
RSSI value threshold
DATAMSG validated if RSSI
≥ TRSSI + HRSSI (high RSSI level)
DATAMSG inhibited if RSSI < TRSSI - HRSSI (low RSSI level)
reset value: (000000)
2
HRSSI
3
Value RSSI hysteresis
reset value: (000)
2
TXLVL
3
Tx PA output power selection
(000)
2: minimum transmission level
(111)
2: maximum transmission level
reset value: (000)
2
TXFS
1
Tx frequency selection
0: F0 & F1
1: F2 & F3
resetvalue:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com