Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 9Page - ATMEL Corporation AT86RF211 Datasheet HTML 10Page - ATMEL Corporation AT86RF211 Datasheet HTML 11Page - ATMEL Corporation AT86RF211 Datasheet HTML 12Page - ATMEL Corporation AT86RF211 Datasheet HTML 13Page - ATMEL Corporation AT86RF211 Datasheet HTML 14Page - ATMEL Corporation AT86RF211 Datasheet HTML 15Page - ATMEL Corporation AT86RF211 Datasheet HTML 16Page - ATMEL Corporation AT86RF211 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13
AT86RF211
1942C–WIRE–06/02
Figure 13. IF1 Filtering
Figure 14. Schematic Input of IF1 Amplifier
Figure 15. Schematic Output of the Second Mixer
IF2 Filtering and Gain
IF2 filtering achieves a narrow channel selection. In case it is not used, it should be
replaced by a > 1 nF coupling capacitor, thus the IF1 filter is the only part achieving the
channel selection. Available commercial filters with a 35 kHz BW allow data rates up to
19.6 kbps if crystal temperature drifts are very low.
For faster communications and/or wider channelization, this ceramic filter can be
replaced by an LC band-pass filter as proposed hereafter.
IF1IN
(pin 35)
330
Ω
IF1
"or"
C > 100 pF
330
Ω
IF1OUT
(pin 36)
Filter
IF1DEC
20 k
Ω
330
Ω
IF1IN
1600
Ω
IF2OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com