Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 18Page - ATMEL Corporation AT86RF211 Datasheet HTML 19Page - ATMEL Corporation AT86RF211 Datasheet HTML 20Page - ATMEL Corporation AT86RF211 Datasheet HTML 21Page - ATMEL Corporation AT86RF211 Datasheet HTML 22Page - ATMEL Corporation AT86RF211 Datasheet HTML 23Page - ATMEL Corporation AT86RF211 Datasheet HTML 24Page - ATMEL Corporation AT86RF211 Datasheet HTML 25Page - ATMEL Corporation AT86RF211 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
22
AT86RF211
1942C–WIRE–06/02
Figure 28. R
POWER Input Schematic
Note:
Keeping the PA output matched guarantees maximum power efficiency.
Software Control
The power can then be adjusted, from the value set by RPOWER down to a maximum of
12 dB below, by programming the bits 6 to 8 of the CTRL1 register. So, 8 levels are dig-
itally selectable with a variation of the output power. The minimum regulated output
power is set to -10 dBm.
Note:
Unless otherwise specified, typical data given for R
POWER =18kΩ,T =25°C, VCC =3 V
Control Logic
Serial Data Interface
The application microcontroller can control and monitor the AT86RF211 through a syn-
chronous, bidirectional, serial interface made of 3 wires:
SLE: enable input
SCK: clock input
SDATA: data in/out
When SLE = ‘1’, the interface is inhibited, i.e. the SCK and SDATA (in) values are not
propagated into the IC, reducing the power consumption and preventing any risk of par-
asitic write or read cycle.
A “read” or “write” cycle starts when SLE is set to ‘0’ and stops when SLE is set to ‘1’.
Only one operation can be performed in one access cycle: only one register can be
either read or written.
R
POWER
100
Table 3. Software Control of the Power Level
TXLVL (CTRL1)
Pout at 433 MHz
(dBm)
Pout at 868 MHz
(dBm)
Pout at 915 MHz
(dBm)
000
0
-2
-3
001
4
0
0
010
6
3
2
011
8
5
4
100
10
7
5
101
11
8
7
110
12
9
8
111
13
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com