Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 22Page - ATMEL Corporation AT86RF211 Datasheet HTML 23Page - ATMEL Corporation AT86RF211 Datasheet HTML 24Page - ATMEL Corporation AT86RF211 Datasheet HTML 25Page - ATMEL Corporation AT86RF211 Datasheet HTML 26Page - ATMEL Corporation AT86RF211 Datasheet HTML 27Page - ATMEL Corporation AT86RF211 Datasheet HTML 28Page - ATMEL Corporation AT86RF211 Datasheet HTML 29Page - ATMEL Corporation AT86RF211 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
26
AT86RF211
1942C–WIRE–06/02
Reset Register (RESET)
Writing in this register (0 or 1) triggers an asynchronous reset. This register can only be
written.
All registers return to reset state. The chip returns in power-down. So all the following
blocks are reset:
•
All registers to default value
•
Wake-up function.
•
Clock recovery function.
And with the power-down state, reset is applied to the following blocks:
•
Synthesizer dividers.
•
Clock recovery function.
•
PLL lock detect.
•
From powering up the supplies, it takes about 10 µs or at least 1.8V before the reset
state is established (Power-on Reset).
•
From reseting the device, one should wait about 10 µs before re-programming
•
RSSI detection block.
•
Discriminator clock (455 kHz).
Control Register (CTRL1)
Register reset value = (10000270)16
Name
RESET
nbit
0
Table 5. CTRL1 Overview
Name
PDN
RXTX
DATACLK
TXLOCK
PAPDN
WUEN
LNAGSEL
MVCC
TRSSI
HRSSI
nbit
31
30
29
28
27
26
25
24
23-18
17-15
init
0
0
0
1
0
0
0
0
(000000)
2
(000)
2
Name
TXLVL
TXFS
-
RXFS
XTALFQ
FSKBW
FSKPOL
DSREF
-
-
MOFFSET
-
nbit
14-12
11
10
9-8
7
6
5
4
3
2
1
0
init
(000)2
00
(10)2
01
11
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com