Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 20Page - ATMEL Corporation AT86RF211 Datasheet HTML 21Page - ATMEL Corporation AT86RF211 Datasheet HTML 22Page - ATMEL Corporation AT86RF211 Datasheet HTML 23Page - ATMEL Corporation AT86RF211 Datasheet HTML 24Page - ATMEL Corporation AT86RF211 Datasheet HTML 25Page - ATMEL Corporation AT86RF211 Datasheet HTML 26Page - ATMEL Corporation AT86RF211 Datasheet HTML 27Page - ATMEL Corporation AT86RF211 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
24
AT86RF211
1942C–WIRE–06/02
Only the 2 MSBs are updated on the rising edge of SLE; other register bits are
unchanged.
• READ Mode (R/W = 0)
The address and R/W bits are clocked on the rising edge of SCK.
The data bits are changed on the falling edge of SCK. The MSB of the register is the first
bit read.
SDATA I/O pin is switched from input to output on the edge following the "1" clocking the
R/W bit.
It is possible to stop reading a register (SLE back to “1”)at any time.
If an attempt to read more bits than the register capacity is detected, SDATA is clamped
to “0”.
If the address of a register is not valid, SDATA is set to “1” during the first 32 SCK peri-
ods, then to “0” during all the extra periods.
SDATA is switched back to the input state when SLE is back to “1”.
Figure 31. Read Chronogram: Complete Read Cycle from a 10 bits Register
Figure 32. Read chronogram: Partial Read Cycle, Reading 2 bits
A[0]
D[9 ]
D[8]
A[1]
A[2 ]
D[7]
A[3]
R/W
SLE
SCK
SDATA
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
INPUT
OUTPUT
INPUT
SDATA
direction
A[0]
D[31]
A[1]
A[2]
A[3]
R/W
SLE
SCK
SDATA
SDATA
mode
INPUT
D[30]
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com